Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2767H Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT8A2767H
Description  DC Motor Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2767H Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT8A2767H Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2767H Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2767H Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2767H Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2767H Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2767H Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2767H Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2767H Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0394-2
07/06/12
2
PT8A2767x
DC Motor Controller
Block Diagram
Maximum Ratings
StorageTemperature......................................................................................-40oCto+125oC
SupplyVoltagetoGroundPotential(Input&VCCOnly)........................-0.5Vto+5.5V
SupplyVoltagetoGroundPotential(OutputsOnly)................................-0.5Vto+5.5V
DCInputVoltage ...............................................................................................-0.5Vto+5.5V
DC Output Current........................................................................... 5A
PowerDissipation......................................................................................................................1W
Recommended operation conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Operating Voltage
1.6
2.4
5.5
V
VIH
“H” Input Voltage
0.7VCC
-
-
V
VIL
“L” Input Voltage
-
-
0.3 VCC
V
TA
Operating temperature
0
25
85
°C
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT8A2767H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766B PERICOM-PT8A2766B Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766C PERICOM-PT8A2766C Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766D PERICOM-PT8A2766D Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766E PERICOM-PT8A2766E Datasheet
203Kb / 8P
   DC Motor Controller
More results

Similar Description - PT8A2767H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
logo
Melexis Microelectronic...
MLX81100 MELEXIS-MLX81100_14 Datasheet
393Kb / 19P
   DC-Motor Controller
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
   DC MOTOR SPEED CONTROLLER
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
Fairchild Semiconductor
FAN8902 FAIRCHILD-FAN8902 Datasheet
127Kb / 14P
   DC FAN Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com