Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2710HE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT8A2710HE
Description  Charger Controller with Fuel-Guage & LCD/LED Display
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2710HE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT8A2710HE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 13Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 14Page - Pericom Semiconductor Corporation PT8A2710HE Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0005
PT0268-1
07/05/12
11
PT8A2707-12/17-19
Charger Controller
with Fuel-Guage & LCD/LED Display
LED/LCD Patterns Summary
Figure 2: LCD and LED Display
(100)
(80)
(60)
(40)
(20)
(BLI)
100-99
100-98
LED monitor display
LCD and LED Display Indication
LED is OFF
LED is ON
LED is flashing at 2 Hz
Percentage of battery charge
Charge mode
Percentage of battery charge
Discharge mode
BLI
LCD is ON, blinking at 2 Hz during charging
LCD is ON
Blinking at 1Hz during discharging
20
BLI
0-10
20
11-20
40
20
21-40
60
40
20
41-60
80
60
40
20
61-80
100
80
60
40
20
81-98
100
80
60
40
20
100
Percentage of Battery Charge
Charge mode
LCD monitor display
BLI
10-0
20
20-11
40
20
40-21
60
40
20
60-41
80
60
40
20
80-61
100
80
60
40
20
98-81
100
80
60
40
20
Percentage of Battery Charge
Discharge mode
BLI
BLI
BLI
BLI
BLI
BLI
(100)
(80)
(60)
(40)
(20)
(BLI)
99-100
(100)
(80)
(60)
(40)
(20)
(BLI)
81-98
(100)
(80)
(60)
(40)
(20)
(BLI)
61-80
(100)
(80)
(60)
(40)
(20)
(BLI)
41-60
(100)
(80)
(60)
(40)
(20)
(BLI)
21-40
(100)
(80)
(60)
(40)
(20)
(BLI)
11-20
(100)
(80)
(60)
(40)
(20)
(BLI)
0-10
(100)
(80)
(60)
(40)
(20)
(BLI)
60-41
(100)
(80)
(60)
(40)
(20)
(BLI)
80-61
(100)
(80)
(60)
(40)
(20)
(BLI)
40-21
(100)
(80)
(60)
(40)
(20)
(BLI)
20-11
(100)
(80)
(60)
(40)
(20)
(BLI)
10-0
(100)
(80)
(60)
(40)
(20)
(BLI)
98-81


Similar Part No. - PT8A2710HE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766B PERICOM-PT8A2766B Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766C PERICOM-PT8A2766C Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766D PERICOM-PT8A2766D Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766E PERICOM-PT8A2766E Datasheet
203Kb / 8P
   DC Motor Controller
More results

Similar Description - PT8A2710HE

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
logo
Texas Instruments
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com