Electronic Components Datasheet Search |
|
PT8A2766G Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation |
|
PT8A2766G Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation |
4 / 8 page |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 12-07-0006 PT0376-2 07/06/12 4 PT8A2766x DC Motor Controller Reset After power on, the chip will be reset by internal POR circuit. LED1 and LED2 pin will output low level and OUT pin will output high-impedance state. Over Current Protect When Output current from pin OUT is over spec, the IC will turn to OFF state. Over Temperature Protect When IC junction temperature is over spec, pin OUT will turn to high-impedance state and the system is still in ON State. Battery Over Discharge Protect During on state, the IC will auto off when the battery voltage is under spec (VT2). If the process repeats three times continuously, the IC will be always in off state and ON/OFF button will be locked unless reset pin ENB. Under Voltage Protection During on state, the IC will turn to under voltage mode when the battery voltage is under spec (VT1). |
Similar Part No. - PT8A2766G |
|
Similar Description - PT8A2766G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |