Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2718 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PT8A2718
Description  Charger Controller with Fuel-Guage & LCD/LED Display
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2718 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PT8A2718 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT8A2718 Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0005
PT0268-1
07/05/12
8
PT8A2707-12/17-19
Charger Controller
with Fuel-Guage & LCD/LED Display
a)
If the motor is turned on during the pre-charge state, obviously there is no charging current to battery. The PT8A2707-
12/2717-19 will return to discharging mode while fuel-gauge is continuing to count the discharge amount. The
discharging is stopped at the same criteria described in the Discharging Mechanism section.
b)
If the motor is turned on during the fast-charge state, the fast-charge safety timer is held. If the motor is turned on less
than 5% of the battery maximum capacity, fast-charge resumes with fast-charge timer continue to count (but start-up
timer starts from beginning). However, when the motor is accumulatively turned on over 5% of the battery maximum
capacity while cord is still connected, the fast-charge timer is cleared and the battery pack will be recharged from pre-
charge state again once motor is off.
c)
If the motor is turned on during the trickle-charge state, if the motor is turned on to accumulatively consume less than
5% (not necessarily in single operation) of the battery maximum capacity, the PT8A2707-12/2717-19 resumes trickle-
charge state. However, when the motor is turned on over 5% of the battery maximum capacity during the trickle-charge
state, the battery pack will be recharged from pre-charge state again after motor is off.
Besides, at any time when the battery pack voltage is lower than the No-Power value or discharging current is higher than the
preset limit levels for 3sec, the motor will be stopped and the devices return to charging status.
2)
The motor is turned on but draws less current than the AC/DC adapter can supply: In all cases, when the battery is not
discharged, the PT8A2707-12/2717-19 regulates a charging current of 1/10 of the fast-charge current to battery pack. In this
case, the battery pack is under slow charging. Similarly, there are three more situations to observe:
a)
If the motor is turned on during the pre-charge state, once motor is turned off, the PT8A2707-12/2717-19 will resume
back to the pre-charge state.
b)
If the motor is turned on during the fast-charge state, the fast-charge timer is held until motor is turned off to resume
fast-charging.
c)
If the motor is turned on during the trikle-charge state, once motor is turned off, the PT8A2707-12/2717-19 will resume
back to the maintenance state.
In any charging states, if the battery temperature is measured higher than 55C, the motor is stopped and the 0.1C charging current
is cut off. The LED/LCD still displays as in “Charging Mode”. The motor will draw current from battery pack until the battery
temperature is below 55C to resume 0.1C charging current. However, no matter whether it is in fast-charging or trickle-charging
modes, when the motor is turned on to consume over 5% (accumulatively, not necessarily in single operation) of the battery
maximum capacity during battery is over-temperature, the battery pack will be recharged from pre-charge state again after motor
is off.
5.
Fuel-Gauge Counter
1)
Charge Counting: Charge activity is detected based on positive voltage difference (VFUEL) between the pins ISENFG and
ISENCOM. When voltage of ISENFG is higher than the voltage of ISENCOM, the PT8A2707-12/2717-19 increments its
fuel-gauge counter at a rate proportional to VFUEL. VFUEL is sampled and converted into digital data through high-
precision A/D converter. When the fuel-gauge counter accumulates up to 99% level but none of the full-charge criteria (-V,
dT/dt, safety timer, maximum battery voltage) is detected, the fuel-gauge will wait at 99% level. Right after the battery is
fully-charged, the PT8A2707-12/2717-19 displays full-charge and learns the capacity of the battery pack such that the display
will be more and more accurate in both charging and discharging cycles later.
2)
Discharge Counting: Discharge activity is detected based on a negative voltage difference (VFUEL) between the pins
ISENFG and ISENCOM. When voltage of ISENFG is lower than the voltage of ISENCOM, the PT8A2707-12/2717-19
decrements its fuel-gauge counter at a rate proportional to VFUEL. VFUEL is sampled and converted into digital data
through high-precision A/D converter. In case the fuel-gauge counter rolls to zero count while the battery voltage is still
higher than the preset No-Power level, the Battery-Low LED is still flashing while user can still use motor. Motor will be
stopped when battery voltage is below the No-Power level. The maximum fuel value is not updated, but will be updated when
necessary for next time the battery is fully charged. The fuel value will be adjusted to 10% if the battery voltage gradually
falls below Battery-Low threshold.
6.
Idle Mode
1)
Standby: When cord is not connected and motor is off, the PT8A2707-12/2717-19 turn to idle state to save power. Some
internal circuits are shut-down to keep the standby power at about 20A.
2)
Background Offset Cancellation: when the PT8A2707-12/2717-19 is waked up by user, an offset cancellation is performed
for the internal precise A/D converter before entering cord or motor modes. It normally takes 0.2~0.3s. The PT8A2707-
12/2717-19 returns to idle state after use.


Similar Part No. - PT8A2718

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766B PERICOM-PT8A2766B Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766C PERICOM-PT8A2766C Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766D PERICOM-PT8A2766D Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766E PERICOM-PT8A2766E Datasheet
203Kb / 8P
   DC Motor Controller
More results

Similar Description - PT8A2718

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
logo
Texas Instruments
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com