Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV386AE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI90LV386AE
Description  High-Speed Differential Line Receivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV386AE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI90LV386AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV386AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV386AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV386AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV386AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV386AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV386AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV386AE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS8574D
11/11/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV386/PI90LVT386
High-Speed Differential Line Receivers
Packaging Mechanical: 64-Pin TSSOP (A)
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. X = Tape and reel
OrderingInformation
Ordering Code
Package Code
Package Type
PI90LV386AE
A
Pb-free & Green, 64-pin TSSOP
PI90LVT386AE
A
Pb-free & Green, 64-pin TSSOP
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
.002
.006
SEATING
PLANE
.007
.011
.004
.008
1
64
.236
.244
0.50
0.17
0.27
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
Max.
1.20
6.0
6.2
.665
.673
16.9
17.1
.319
8.1
.0197
BSC
BSC
.004
0.10
DESCRIPTION: 64-Pin, 240-Mil Wide TSSOP
PACKAGE CODE: A
DOCUMENT CONTROL NO.
PD - 1503
REVISION: B
DATE: 03/09/05
Notes:
1.
ash
protrusions or gate burrs, which shall not exceed 0.006 inch per side
2. Controlling dimensions in millimeters.
3. Ref: JEDEC MO-153F/EF
4. Package Outline Exclusive of Mold Flash and Metal Burr
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
08-0295


Similar Part No. - PI90LV386AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
More results

Similar Description - PI90LV386AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com