Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV386 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LV386
Description  High-Speed Differential Line Receivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV386 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI90LV386_08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8574D
11/11/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV386/PI90LVT386
High-Speed Differential Line Receivers
Note:
1. All input pulses are supplied by a generator having the following characteristics: tr or tf
≤ 1ns, Pulse Repetition Rate (PRR)
= 50 Mpps, Pulse width = 10 ±0.2ns. CL includes instrumentation and fixture capacitance within 0.06m of the D.U.T.
Figure 2. Timing Test Circuit and Waveforms
Parameter Measurement Information
10pF
VID
VIRIN–
VIRIN–
VID
tPHL
tPLH
VO
tf
tr
CL
VO
VIRIN+
VIRIN+
1.4V
1V
0.4V
–0.4V
0V
0V
1.4V
2.4V
0.4V
VOL
08-0295


Similar Part No. - PI90LV386_08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
More results

Similar Description - PI90LV386_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com