Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6ULS5V9627A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9627A
Description  4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9627A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6ULS5V9627A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9627A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-01-0009
PT0485-1
02/11/14
2
PI6ULS5V9627A
4 Channel Level Translating
Fast-Mode Plus I
2C-bus/SMbus Repeater
Pin Description
Note:
(1) The two GND pins need to be connected to the ground, can’t be floating.
(2) The two VCCA pins need to be connected to the power supply, can’t be floating.
(3) The two VCCB pins need to be connected to the power supply, can’t be floating.
Block Diagram
Figure 1: Block Diagram
Pin No.
Pin Name
Description
QSOP
TQFN
3
1
SDAA1
serial data port A bus 1
4
2
GND
(1)
supply ground (0 V)
5
3
VCCA
(2)
port A supply voltage (0.6 V to 5.5V)
6
4
SCLA2
serial clock port A bus 2
7
5
SDAA2
serial data port A bus 2
8
6
GND
(1)
supply ground (0 V)
9
7
EN2
active HIGH repeater enable input 2
10
8
SDAB2
serial data port B bus 2
11
9
SCLB2
serial clock port B bus 2
12
10
VCCB
(3)
port B supply voltage (2.2 V to 5.5 V)
13
11
EN1
active HIGH repeater enable input 1
14
12
SDAB1
serial data port B bus 1
15
13
SCLB1
serial clock port B bus 1
16
14
VCCB
(3)
port B supply voltage (2.2 V to 5.5 V)
1
15
VCCA
(2)
port A supply voltage (0.6 V to 5.5 V)
2
16
SCLA1
serial clock port A bus 1
EN1
EN2
Function
H
X
SCLA1 = SCLB1
SDAA1= SDAB1
X
H
SCLA2 = SCLB2
SDAA2=SDAB2
L
L
disabled


Similar Part No. - PI6ULS5V9627A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9617A PERICOM-PI6ULS5V9617A Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
PI6ULS5V9617AUE PERICOM-PI6ULS5V9617AUE Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
PI6ULS5V9617AWE PERICOM-PI6ULS5V9617AWE Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
PI6ULS5V9617AZEE PERICOM-PI6ULS5V9617AZEE Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
More results

Similar Description - PI6ULS5V9627A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9617A PERICOM-PI6ULS5V9617A Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
NXP Semiconductors
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com