Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6ULS5V9509UEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9509UEX
Description  Level Translating SMBus Repeater with Tiny Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9509UEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6ULS5V9509UEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9509UEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-04-0005
PT0460-3
04/20/15
2
PI6ULS5V9509
Level Translating I
2C-Bus/SMBus
Repeater with Tiny Package
Block Diagram
Figure 1: Block Diagram
Maximum Ratings
StorageTemperature...................................................................................-55oC to +125oC
Supply Voltage port B......................................................................................-0.5V to +6.0V
Supply Voltage port A......................................................................................-0.5V to+6.0V
DC Input Voltage .............................................................................................-0.5V to +6.0V
Control Input Votage(EN)...............................................................................-0.5V to+6.0V
TotalPower Dissipation................................................................... 100mA
Input/Output Current (portA&B)......................................................... 20mA
Input Current (EN, VCC(A), VCC(B), GND)............................................... 20mA
ESD: HBM Mode...........................................................................................................8000V
Recommended operation conditions
GND = 0 V; Tamb = -40 C to +85 C; unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
[1]
Max
Unit
Vcc(B)
supply voltage port B
-
2.5
-
5.5
V
Vcc(A)
supply voltage port A
-
1.1
-
VCC(B) -1.0
V
ICC(A)
supply current on pin VCC(A)
all port A static HIGH
0.25
0.45
0.9
mA
all port A static LOW
1.25
3.0
5
ICC(B)
supply current on pin VCC(B)
all port B static HIGH
0.5
0.9
1.1
mA
Note:
[1] Typical values with VCC(A) = 1.1 V, VCC(B) = 5 V.
EN
Function
H
A1 = B1;
A2= B2;
L
disabled
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PI6ULS5V9509UEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AUEX DIODES-PI6ULS5V9511AUEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AWEX DIODES-PI6ULS5V9511AWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AZWEX DIODES-PI6ULS5V9511AZWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Pericom Semiconductor C...
PI6ULS5V9515A PERICOM-PI6ULS5V9515A Datasheet
494Kb / 10P
   SMBus Repeater
More results

Similar Description - PI6ULS5V9509UEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com