Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6ULS5V9306UEX Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9306UEX
Description  SMBus voltage-level translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9306UEX Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6ULS5V9306UEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6ULS5V9306UEX Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0006
PT0451-5
8/18/15
9
PI6ULS5V9306
Dual bidirectional I2C-bus and
SMBus voltage-level translator
Pull-up resistor minimum values, 10 mA driver sink current for PI6ULS5V9306
A Side
B side
1.5V
1.8V
2.5V
3.3V
5.0V
0.9V
RPU(A) = 255Ω
RPU(B) = 255Ω
RPU(A) = 287Ω
RPU(B) = 287Ω
RPU(A) = none
RPU(B) = 267Ω
Or both 363Ω
RPU(A) = none
RPU(B) = 357Ω
Or both 449Ω
RPU(A) = none
RPU(B) = 549Ω
Or both 648Ω
1.2V
RPU(A) = 309Ω
RPU(B) = 309Ω
RPU(A) = none
RPU(B) = 267Ω
Or both 395Ω
RPU(A) = none
RPU(B) = 357Ω
Or both 481Ω
RPU(A) = none
RPU(B) = 549Ω
Or both 681Ω
1.5V
RPU(A) = none
RPU(B) = 261Ω
Or both 427Ω
RPU(A) = none
RPU(B) = 348Ω
Or both 506Ω
RPU(A) = none
RPU(B) = 536Ω
Or both 697Ω
1.8V
RPU(A) = 442Ω
RPU(B) = 442Ω
RPU(A) = none
RPU(B) = 348Ω
Or both 538Ω
RPU(A) = none
RPU(B) = 536Ω
Or both 729Ω
2.5V
RPU(A) = 590Ω
RPU(B) = 590Ω
RPU(A) = none
RPU(B) = 521Ω
Or both 782Ω
3.3V
RPU(A) = none
RPU(B) = 521Ω
Or both 865Ω
Pull-up resistor minimum values, 15 mA driver sink current for PI6ULS5V9306
A Side
B side
1.5V
1.8V
2.5V
3.3V
5.0V
0.9V
RPU(A) = 169Ω
RPU(B) = 169Ω
RPU(A) = 191Ω
RPU(B) = 191Ω
RPU(A) = none
RPU(B) = 178Ω
Or both 242Ω
RPU(A) = none
RPU(B) = 237Ω
Or both 302Ω
RPU(A) = none
RPU(B) = 365Ω
Or both 431Ω
1.2V
RPU(A) = 205Ω
RPU(B) = 205Ω
RPU(A) = none
RPU(B) = 178Ω
Or both 263Ω
RPU(A) = none
RPU(B) = 237Ω
Or both 323Ω
RPU(A) = none
RPU(B) = 365Ω
Or both 453Ω
1.5V
RPU(A) = none
RPU(B) = 174Ω
Or both 278Ω
RPU(A) = none
RPU(B) = 232Ω
Or both 337Ω
RPU(A) = none
RPU(B) = 464Ω
Or both 697Ω
1.8V
RPU(A) = 294Ω
RPU(B) = 294Ω
RPU(A) = none
RPU(B) = 232Ω
Or both 359Ω
RPU(A) = none
RPU(B) = 486Ω
Or both 729Ω
2.5V
RPU(A) = 392Ω
RPU(B) = 392Ω
RPU(A) = none
RPU(B) = 536Ω
Or both 782Ω
3.3V
RPU(A) = none
RPU(B) = 348Ω
Or both 578Ω


Similar Part No. - PI6ULS5V9306UEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9509 PERICOM-PI6ULS5V9509 Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509UE PERICOM-PI6ULS5V9509UE Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509UEX PERICOM-PI6ULS5V9509UEX Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509WE PERICOM-PI6ULS5V9509WE Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509WEX PERICOM-PI6ULS5V9509WEX Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
More results

Similar Description - PI6ULS5V9306UEX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
   SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com