Electronic Components Datasheet Search
Selected language
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Part Name
Included
start with
end
match
Description
P-1328W-SB Datasheet(PDF) 5 Page - Hirose Electric
Part No.
P-1328W-SB
Description
1300
SERIES
RECTANGULAR
CONNECTORS
Download
15 Pages
Scroll/Zoom
100%
Maker
HIROSE [Hirose Electric]
Homepage
http://www.hirose-connectors.com
Logo
5 page
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
PW-1634BA-C
SUMICON
1600
SERIES
RECTANGULAR
CONNECTORS
1
2
3
4
5
More
Hirose Electric
HR10A-7P-4PA
HR10
SERIES
SHELL
SIZE
7mm
PUSH-PULL
CONNECTORS
1
2
3
4
5
More
Hirose Electric
HR11-9BPA-6P
HR11
SERIES
SHELL
SIZE
9mm
BAYONET
LOCK
CONNECTORS
1
2
3
4
Hirose Electric
JR16PA-10S
JR
SERIES
SHELL
SIZE
13-25
ALUMINUM
CONNECTORS
1
2
3
4
5
More
Hirose Electric
RM21TPA-15S
RM
SERIES
SHELL
SIZE
12-31mm
CIRCULAR
CONNECTORS
1
2
3
4
5
More
Hirose Electric
HR22-12WTPA-20SC
HR22
SERIES
HIGH-PERFORMANCE
COMPACT
CIRCULAR
CONNECTORS
1
2
3
4
5
More
Hirose Electric
POD1-J-1.5V-C
POD1
SERIES
PUSH-ON
LOCKING
MICROMINIATURE
COAXIAL
CONNECTORS
1
2
3
4
Hirose Electric
RPC1-12P-6S
RP
SERIES
CIRCULAR
PLASTIC
CONNECTORS
1
2
Hirose Electric
MS3108B
Circular
97
Series
Threaded
Connectors
with
Solder
Contacts
MIL-C-5015
Type
1
2
3
4
List of Unclassifed Manufacturers
171822
Economy
Interconnection
EI
Series
Connectors
1
2
List of Unclassifed Manufacturers
Link URL
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2017
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl