Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG5060 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RHRG5060
Description  50A, 600V Hyperfast Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRG5060 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RHRG5060 Datasheet HTML 1Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 2Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 3Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 4Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 5Page - Fairchild Semiconductor RHRG5060 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.fairchildsemi.com
RHRG5060_F085 Rev. C1
Typical Performance Characteristics (Continued)
Figure 7. Reverse Recovery Charge
Figure 8. Transient Thermal Response Curve
100
200
300
400
500
0
600
1200
1800
T
C = 175
oC
I
F = 50A
T
C = 25
oC
T
C = 125
oC
di/dt [A/μs]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
0.01
0.1
1
* Notes :
1. Z
thJC
(t) = 0.42
o
C/W Typ.
2. Duty Factor, D=t
1
/t
2
3. TJM - TC = PDM *ZthJC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t1, SquareWave Pulse Duration [sec]
t1
PDM
t2


Similar Part No. - RHRG5060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
   50A, 600V Hyperfast Diode
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
logo
Inchange Semiconductor ...
RHRG5060 ISC-RHRG5060 Datasheet
312Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - RHRG5060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
   50A, 600V Hyperfast Diode
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
   50A, 400V - 600V Hyperfast Diodes
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
STMicroelectronics
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
logo
Diodes Incorporated
DSR8F600P DIODES-DSR8F600P Datasheet
830Kb / 5P
   600V 8A HYPERFAST RECTIFIER
March 2022 Rev. 9 - 3
logo
Fairchild Semiconductor
RHRG1560_F085 FAIRCHILD-RHRG1560_F085 Datasheet
399Kb / 6P
   15A, 600V Hyperfast Rectifier
logo
STMicroelectronics
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
logo
Fairchild Semiconductor
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG3060_F085 FAIRCHILD-RHRG3060_F085 Datasheet
398Kb / 6P
   30A, 600V Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com