Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS67WVE51216CLL Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS67WVE51216CLL
Description  Asynchronous and page mode interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVE51216CLL Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS67WVE51216CLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS67WVE51216CLL Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
IS66WVE51216EALL/BLL/CLL
IS67WVE51216EALL/BLL/CLL
Rev. 0D | November 2014
www.issi.com - SRAM@issi.com
Partial-Array Refresh
Partial-array refresh (PAR) restricts refresh operation to a portion of the total memory
array. This feature enables the device to reduce standby current by refreshing only that
part of the memory array that is absolutely necessary. The refresh options are full array,
and none of the array. Data stored in addresses not receiving refresh will become
corrupted. Read and WRITE operations are ignored during PAR operation.
The device only enters PAR mode if the sleep bit in the CR has been set HIGH (CR[4] = 1).
PAR can be initiated by taking the ZZ# ball to the LOW state for longer than 10us.
Returning ZZ# to HIGH will cause an exit from PAR, and the entire array will be immediately
available for READ and WRITE operations.
Alternatively, PAR can be initiated using the CR software-access sequence (see “Software
Access to the Configuration Register”). Using this method, PAR is enabled
immediately upon setting CR[4] to “1” However, using software access to write to the CR
alters the function of ZZ# so that ZZ# LOW no longer initiates PAR, even though ZZ#
continues to enable WRITEs to the CR. This functional change persists until the next
time the device is powered up.
Deep Power-Down Operation
Deep power-down (DPD) operation disables all refresh-related activity. This mode is
used if the system does not require the storage provided by the PSRAM device. Any
stored data will become corrupted upon entering DPD. When refresh activity has been
re-enabled, the PSRAM device will require 150μs to perform an initialization procedure
before normal operations can resume. READ and WRITE operations are ignored during
DPD operation.
The device can only enter DPD if the sleep bit in the CR has been set LOW (CR[4] =0).
DPD is initiated by bringing ZZ# to the LOW state for longer than 10us. Returning ZZ# to
HIGH will cause the device to exit DPD and begin a 150us initialization process. During
this time, the current consumption will be higher than the specified standby levels, but
considerably lower than the active current specification.
Driving ZZ# LOW puts the device in PAR mode if the SLEEP bit in the CR has been set
HIGH (CR[4] = 1).
The device should not be put into DPD using the CR software-access sequence.


Similar Part No. - IS67WVE51216CLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS67WVE1M16BLL ISSI-IS67WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16CLL ISSI-IS67WVE1M16CLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16EALL ISSI-IS67WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16EALL-70BLA1 ISSI-IS67WVE1M16EALL-70BLA1 Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
IS67WVE1M16EBLL-70BLA1 ISSI-IS67WVE1M16EBLL-70BLA1 Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
More results

Similar Description - IS67WVE51216CLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16EALL ISSI-IS66WVE2M16EALL Datasheet
622Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
   Asynchronous random/page read
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com