Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8735 Datasheet(PDF) 2 Page - Mallory performance club

Part # PN8735
Description  MSD Launch Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8735 Datasheet(HTML) 2 Page - Mallory performance club

  PN8735 Datasheet HTML 1Page - Mallory performance club PN8735 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 2 Connecting the 2-Pin Connector.
Figure 3 Wiring with an MSD 7 Series Ignition.
Limited Warranty
MSDIGNITIONwarrantsthisproducttobefreefromdefectsinmaterialandworkmanshipunderitsintendednormal
use*, when properly installed and purchased from an authorized MSD dealer, for a period of one year from the date
of the original purchase. This warranty is void for any products purchased through auction websites. If found to be
defective as mentioned above, it will be repaired or replaced at the option of MSD Ignition. Any item that is covered
under this warranty will be returned free of charge using Ground shipping methods.
This shall constitute the sole remedy of the purchaser and the sole liability of MSD Ignition. To the extent permitted
by law, the foregoing is exclusive and in lieu of all other warranties or representation whether expressed or implied,
including any implied warranty of merchantability or fitness. In no event shall MSD Ignition or its suppliers be liable
for special or consequential damages.
*Intended normal use means that this item is being used as was originally intended and for the original application
as sold by MSD Ignition. Any modifications to this item or if it is used on an application other than what MSD Ignition
markets the product, the warranty will be void. It is the sole responsibility of the customer to determine that this item
will work for the application they are intending. MSD Ignition will accept no liability for custom applications.
Service
In case of malfunction, this MSD component will be repaired free of charge according to the terms of the warranty.
When returning MSD components for warranty service,
Proof of Purchase must be supplied for verification. After
the warranty period has expired, repair service is based on a minimum and maximum fee.
All returns must have a Return Material Authorization (RMA) number issued to them before
being returned. To obtain an RMA number please contact MSD Customer Service at 1 (888) MSD-7859 or
visit our website at www.msdignition.com/rma to automatically obtain a number and shipping information.
When returning the unit for repair, leave all wires at the length in which you have them installed. Be sure to include
a detailed account of any problems experienced, and what components and accessories are installed on the vehicle.
The repaired unit will be returned as soon as possible using Ground shipping methods (ground shipping is covered
by warranty). For more information, call MSD Ignition at (915) 855-7123. MSD technicians are available from 7:00
a.m. to 6:00 p.m. Monday - Friday (mountain time).
M S D I G N I T I O N • www.msdignition.com • (915) 857-5200 • FAX (915) 857-3344
© 2008 Autotronic Controls Corporation
FRM29156
Revised 01/08
Printed in U.S.A.


Similar Part No. - PN8735

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8731 MALLORY-PN8731 Datasheet
432Kb / 4P
   MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
PN8733 MALLORY-PN8733 Datasheet
107Kb / 2P
   MSD 2-Step Launch Control for GM LS Series Engines
PN8734 MALLORY-PN8734 Datasheet
157Kb / 4P
   MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
PN8737 MALLORY-PN8737 Datasheet
246Kb / 4P
   MSD Module Selectors
More results

Similar Description - PN8735

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8735 MALLORY-8735 Datasheet
270Kb / 2P
   MSD Launch Control
PN7751 MALLORY-PN7751 Datasheet
186Kb / 2P
   MSD Manual Launch Control
PN4350 MALLORY-PN4350 Datasheet
763Kb / 4P
   MSD Powersports Launch Master
PN8733 MALLORY-PN8733 Datasheet
107Kb / 2P
   MSD 2-Step Launch Control for GM LS Series Engines
8733 MALLORY-8733 Datasheet
107Kb / 2P
   MSD 2-Step Launch Control for GM LS Series Engines
8731 MALLORY-8731 Datasheet
432Kb / 4P
   MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PN8731 MALLORY-PN8731 Datasheet
432Kb / 4P
   MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
8734 MALLORY-8734 Datasheet
157Kb / 4P
   MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
PN7551 MALLORY-PN7551 Datasheet
262Kb / 1P
   Manual Launch Control
PN8734 MALLORY-PN8734 Datasheet
157Kb / 4P
   MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com