Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8571 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN8571
Description  MSD Pro-Billet Chevrolet V8 Tach Drive Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8571 Datasheet(HTML) 5 Page - Mallory performance club

  PN8571 Datasheet HTML 1Page - Mallory performance club PN8571 Datasheet HTML 2Page - Mallory performance club PN8571 Datasheet HTML 3Page - Mallory performance club PN8571 Datasheet HTML 4Page - Mallory performance club PN8571 Datasheet HTML 5Page - Mallory performance club PN8571 Datasheet HTML 6Page - Mallory performance club PN8571 Datasheet HTML 7Page - Mallory performance club PN8571 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
1. Remove the existing distributor cap without
disconnecting any of the spark plug wires.
2. With the cap off, crank the engine until the
rotor is aimed at a fixed point on the engine
or firewall. Note this position by making a
mark (Figure 8).
3. Place the distributor cap back on and
note which plug wire the rotor is pointing
to.MARKTHESPARKPLUGWIRESand
remove the distributor cap.
4. Disconnect the wiring from the distributor.
5. Loosen the distributor hold down clamp
and slide the clamp out of the way.
6. Lift the distributor out of the engine. Note
that the rotor rotates as you lift the distributor
out. This is due to the helical cut gear and
should be taken into consideration when
installing the new distributor.
7. Install the gasket and apply a liberal amount
of the supplied lubricant to the distributor
gear. (The supplied O-rings can
only be
used if the block has been modified as
shown in Figure 9.)
8. Install the distributor making sure that the
rotor comes to rest pointing at the fixed
mark. If the distributor will not fully seat with
the rotor pointing to the marked position,
you may need to rotate the oil pump shaft
until the rotor lines up and the distributor
fully seats.
9. Position and tighten the hold down clamp
onto the distributor.
10.Installthedistributorcapandsparkplugwires
one at a time to ensure correct location. A
wire retainer is supplied to secure the wires
in place. Align the mounting bosses and
use the supplied 1.5" self-tapping Phillips
screws to hold the retainer in place.
Figure 8 Marking the Rotor Location.
INSTALLING THE DISTRIBUTOR
Figure 9 Modified Block for use with O-Rings.
Figure 10 Optional Installation by Bolting Cap Down.
Installation Option: This Cap can also be
bolted down to an MSD Pro-Billet or Billet
Distributor base with the supplied hardware.
To accomplish this, the spring clips must be
cut off (Figure 10).
Note: When the cap is bolted down, the
location of the spark plug wires must
be changed.


Similar Part No. - PN8571

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8570 MALLORY-PN8570 Datasheet
363Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN85701 MALLORY-PN85701 Datasheet
353Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8573 MALLORY-PN8573 Datasheet
523Kb / 8P
   MSD Pro-Billet Ready-to-Run Ford Flathead, 1949-1953
PN8577 MALLORY-PN8577 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
More results

Similar Description - PN8571

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85551 MALLORY-PN85551 Datasheet
489Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
85555 MALLORY-85555 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
83613 MALLORY-83613 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8547 MALLORY-PN8547 Datasheet
308Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85561 MALLORY-PN85561 Datasheet
403Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85701 MALLORY-PN85701 Datasheet
353Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN8570 MALLORY-PN8570 Datasheet
363Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN8356 MALLORY-PN8356 Datasheet
447Kb / 8P
   MSD Pro-Billet Dual Pickup Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com