Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS67WV1M16EBLL Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS67WV1M16EBLL
Description  ULTRA LOW POWER PSEUDO CMOS STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WV1M16EBLL Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS67WV1M16EBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS67WV1M16EBLL Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
IS66WV1M16EALL
IS66/67WV1M16EBLL
Rev. 0A | October 2014
www.issi.com - SRAM@issi.com
WRITE CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
Symbol
Parameter
-55
-70
Unit
Notes
Min
Max
Min
Max
tWC
Write Cycle Time
55
-
70
-
ns
tSCS1/SCS2
CS1#/CS2 to Write End
45
-
60
-
ns
tCSM
Maximum CS1#/CS2 pulse width
-
15
-
15
us
tAW
Address Setup to Write Time
45
-
60
-
ns
tHA
Address Hold to End of Write
0
-
0
-
ns
tSA
Address Setup Time
0
-
0
-
ns
tPWB
UB#/LB# Valid to End of Write
45
-
60
-
ns
tPWE
WE# Pulse Width
45
-
60
-
ns
tSD
Data Setup Time
25
-
30
-
ns
tHZWE
UB#/LB# to High-Z output
0
-
0
-
ns
3
tLZWE
UB#/LB# to Low-Z output
-
20
-
30
ns
3
tCPH
CS1# HIGH (CS2 LOW) time
5
-
5
-
ns
Notes:
1. Test conditions and output loading are specified in the AC Test Conditions and AC Test Loads (Figure 1) on page 5.
2. The internal write time is defined by the overlap of CS1#, UB#, LB# and WE# LOW, CS2 HIGH . All signals must be
in valid states to initiate a Write, but anyone can go inactive to terminate Write. The Data Input Setup and Hold timing are
referenced to the rising or falling edge of the signals that terminates the Write.
3. Tested with the load in Figure 2. Transition is measured ±100 mV from steady-state voltage. Not 100% tested.
4. tPWE > tHzWE + tSD when OE# is LOW.
5. Chip Select Active Time (both CS1# LOW and CS2 HIGH) must not be longer than tCMS of 15 us.


Similar Part No. - IS67WV1M16EBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS67WV51216EBLL ISSI-IS67WV51216EBLL Datasheet
620Kb / 17P
   Three state outputs
IS67WVC1M16ALL ISSI-IS67WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS67WVC4M16ALL ISSI-IS67WVC4M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS67WVE1M16BLL ISSI-IS67WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS67WVE1M16CLL ISSI-IS67WVE1M16CLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS67WV1M16EBLL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS66WV51216DBLL-55TLI ETC2-IS66WV51216DBLL-55TLI Datasheet
532Kb / 17P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS66WV51216DALL ISSI-IS66WV51216DALL Datasheet
532Kb / 17P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV1M16DALL ISSI-IS66WV1M16DALL Datasheet
607Kb / 15P
   16Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216ALL ISSI-IS66WV51216ALL Datasheet
500Kb / 16P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
Emerging Memory & Logic...
EMP216MFAW EMLSI-EMP216MFAW Datasheet
422Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
   2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
   2Mx16 Pseudo Static RAM
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
   2Mx16 Pseudo Static RAM
EMP216MFAF EMLSI-EMP216MFAF Datasheet
504Kb / 12P
   2Mx16 Pseudo Static RAM
EMP116MAAF EMLSI-EMP116MAAF Datasheet
471Kb / 11P
   1Mx16 Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com