Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37735MHBXXXFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M37735MHBXXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37735MHBXXXFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M37735MHBXXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37735MHBXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
3
MITSUBISHI MICROCOMPUTERS
M37735MHBXXXFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
FUNCTIONS OF M37735MHBXXXFP
Memory size
Input/Output ports
Parameter
Functions
Number of basic instructions
103
Instruction execution time
160 ns (the fastest instruction at external clock 25 MHz frequency)
ROM
124 Kbytes
RAM
3968 bytes
P0 – P2, P4 – P8
8-bit ! 8
P3
4-bit ! 1
TA0, TA1, TA2, TA3, TA4
16-bit ! 5
TB0, TB1, TB2
16-bit ! 3
Serial I/O
(UART or clock synchronous serial I/O) ! 3
A-D converter
10-bit ! 1 (8 channels)
Watchdog timer
12-bit ! 1
3 external types, 16 internal types
Each interrupt can be set to the priority level (0 – 7.)
2 circuits built-in (externally connected to a ceramic resonator or a
quartz-crystal oscillator)
Supply voltage
5 V ± 10%
Power dissipation
47.5 mW (at external clock 25 MHz frequency)
Input/Output voltage
5 V
Output current
5 mA
Memory expansion
Maximum 1 Mbytes
Operating temperature range
–20 to 85 °C
Device structure
CMOS high-performance silicon gate process
Package
80-pin plastic molded QFP (80P6N-A)
Interrupts
Clock generating circuit
Multi-function timers
Input/Output characteristic


Similar Part No. - M37735MHBXXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37735MHBXXXFP MITSUBISHI-M37735MHBXXXFP Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37735MHBXXXFP RENESAS-M37735MHBXXXFP Datasheet
1Mb / 91P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37735MHBXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com