Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS5V201 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI4ULS5V201
Description  1-Bit Bi-directional Level Shifter with Automatic Sensing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS5V201 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI4ULS5V201 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS5V201 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0024
PT0462-3
07/28/15
2
PI4ULS5V201
1-Bit Bi-directional Level Shifter with
Automatic Sensing
Block Diagram
Figure 1: Block Diagram
Maximum Ratings
StorageTemperature...................................................................................-65oC to +150oC
DC Supply Voltage port B..............................................................................-0.3V to +5.5V
DC Supply Voltage port A..............................................................................-0.3V to+5.5V
Vi(A) referenced DC Input / Output Voltage..............................................-0.3V to +5.5V
Vi(B) referenced DC Input / Output Voltage...............................................-0.3V to+5.5V
Enable Control Pin DC Input Voltage.......................................
-0.3V to+5.5V
Short circuit duration (I/O to GND) ...................................................... 40mA
Recommended operation conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCCA
VCCA Positive DC Supply Voltage
1.2
-
5.5
V
VCCB
VCCB Positive DC Supply Voltage
1.2
-
5.5
V
VEN
Enable Control Pin Voltage
GND
-
5.5
V
VIO
I/O Pin Voltage
GND
-
5.5
V
TA
Operating Temperature Range
-40
-
+85
°C
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PI4ULS5V201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
logo
Diodes Incorporated
PI4ULS5V202Q DIODES-PI4ULS5V202Q Datasheet
1Mb / 10P
   Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
Rev 3 - 2 October 2020
PI4ULS5V202Q1UEX DIODES-PI4ULS5V202Q1UEX Datasheet
1Mb / 10P
   Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
Rev 3 - 2 October 2020
logo
Pericom Semiconductor C...
PI4ULS5V202UE PERICOM-PI4ULS5V202UE Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
PI4ULS5V202XVE PERICOM-PI4ULS5V202XVE Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
More results

Similar Description - PI4ULS5V201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
logo
Diodes Incorporated
PI4ULS5V202Q DIODES-PI4ULS5V202Q Datasheet
1Mb / 10P
   Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
Rev 3 - 2 October 2020
logo
Pericom Semiconductor C...
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V102 PERICOM-PI4ULS5V102 Datasheet
471Kb / 12P
   2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
logo
Texas Instruments
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com