Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V501 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V501
Description  280Mb/s Bi-directional Level Translator for Push-Pull Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V501 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4ULS3V501 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V501 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-12-0005
PT0501
01/15/14
4
PI4ULS3V501
280Mb/s Bi-directional Level Translator
for Push-Pull Applications
Symbol
Parameter
Test Conditions
*1
VCCB (V)
*2
V
CCA(V)
*3
−40°C to +85°C
Unit
Min
Typ
*4
Max
t
R−B
I/O B Rise Time
CIOB = 15 pF
1.35 - 3.6
0.85 - 2.7
-
1.4
8.5
ns
2.5 - 3.6
1.8 - 2.7
-
1.4
3.5
t
F−B
I/O B Fall Time
CIOB = 15 pF
1.35 - 3.6
0.85 - 2.7
-
1.2
8.5
ns
2.5 - 3.6
1.8 - 2.7
-
1.2
3.5
t
R−A
I/O A Rise Time
CIOA = 15 pF
1.35 - 3.6
0.85 - 2.7
-
1.3
8.5
ns
2.5 - 3.6
1.8 - 2.7
-
1.3
3.5
t
F−A
I/O A Fall Time
CIOA = 15 pF
1.35 - 3.6
0.85 - 2.7
-
1.6
8.5
ns
2.5 - 3.6
1.8 - 2.7
-
1.6
3.5
Z
OB
I/O B One−Shot
Output Impedance
*5
1.5
2.5
3.6
0.9 - 2.5
-
37
20
15
-
-
-
Ω
Z
OA
I/O A One−Shot Out-
put Impedance
*5
1.5 – 3.3
1.5
1.8
3.6
-
52
17
15
-
-
-
Ω
t
PD_A−B
Propagation Delay
(Driving I/O B)
CIOB = 15 pF
1.35 - 3.6
0.85 - 2.7
-
-
35
ns
2.5 - 3.6
1.8 - 2.7
-
-
10
CIOB = 30 pF
1.35 - 3.6
0.85 - 2.7
-
-
35
2.5 - 3.6
1.8 - 2.7
-
-
10
t
PD_B−A
Propagation Delay
(Driving I/O AL)
CIOA = 15 pF
1.35 - 3.6
0.85 - 2.7
-
-
35
ns
2.5 - 3.6
1.8 - 2.7
-
-
10
CIOA = 30 pF
1.35 - 3.6
0.85 - 2.7
-
-
35
2.5 - 3.6
1.8 - 2.7
-
-
10
t
SK
Channel-to-Channel
Skew
C
IOB = 15 pF, CIOA = 15 pF
*5
1.35 - 3.6
0.85 - 2.7
-
-
0.15
ns
t
EN-B (tPZH)
I/O_B Output Enable
Time
C
IOB = 15pF, I/O_A = VCCA
1.35 - 3.6
0.85 - 2.7
-
240
400
ns
2.5 - 3.6
1.8 - 2.7
-
-
160
ns
t
EN-B (tPZL)
C
IOB = 15pF, I/O_A = 0V
1.35 - 3.6
0.85 - 2.7
-
80
150
ns
2.5 - 3.6
1.8 - 2.7
-
-
130
ns
t
EN-A (tPZH)
I/O_A Output Enable
Time
C
IOA = 15pF, I/O_B = VCCB
1.35 - 3.6
0.85 - 2.7
-
130
250
ns
2.5 - 3.6
1.8 - 2.7
-
-
160
ns
t
EN-A (tPZL)
C
IOA = 15pF, I/O_B = 0V
1.35 - 3.6
0.85 - 2.7
-
100
200
ns
2.5 - 3.6
1.8 - 2.7
-
-
130
ns
t
DIS-B (tPHZ)
I/O_B Output Disable
Time
C
IOB = 15pF, I/O_A =VCC A
1.35 - 3.6
0.85 - 2.7
-
-
210
ns
2.5 - 3.6
1.8 - 2.7
-
-
210
ns
t
DIS-B (tPLZ)
C
IOB = 15pF, I/O_A = 0V
1.35 - 3.6
0.85 - 2.7
-
-
175
ns
2.5 - 3.6
1.8 - 2.7
-
-
175
ns
t
DIS-A (tPHZ)
I/O_A Output Disable
Time
C
IOA = 15pF, I/O_B =VCCB
1.35 - 3.6
0.85 - 2.7
-
-
210
ns
2.5 - 3.6
1.8 - 2.7
-
-
210
ns
t
DIS-A (tPLZ)
C
IOA = 15pF, I/O_B = 0V
1.35 - 3.6
0.85 - 2.7
-
-
175
ns
2.5 - 3.6
1.8 - 2.7
-
-
175
ns
MDR
Maximum Data Rate
C
IO = 15pF
1.35 - 3.6
0.85 - 2.7
133
-
-
mbps
2.5 - 3.6
1.8 - 2.7
280
-
-
mbps
C
IO = 30pF
1.35 - 3.6
0.85 - 2.7
80
-
-
mbps
2.5 - 3.6
1.8 - 2.7
200
-
-
mbps
Notes:
1. Normal test conditions are VI= 0 V, CIOB ≤ 15 pF and CIOA ≤ 15 pF, unless otherwise specified.
2. VCCB is the supply voltage associated with the I/O B port, and B ranges from +1.35 V to 3.6V under normal operating conditions.
3. VCCA is the supply voltage associated with the I/O A port, and A ranges from +0.85 V to 2.7V under normal operating conditions.
4. Typical values are for B = +2.8 V, A = +1.8 V and TA = +25°C. All units are production tested at TA = +25°C. Limits over the
operating temperature range are guaranteed by design.
5. Guaranteed by design.


Similar Part No. - PI4ULS3V501

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V502XVE PERICOM-PI4ULS3V502XVE Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504ZME PERICOM-PI4ULS3V504ZME Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
More results

Similar Description - PI4ULS3V501

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Diodes Incorporated
PI4ULS3V304A DIODES-PI4ULS3V304A Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
logo
Pericom Semiconductor C...
PI4ULS3V304 PERICOM-PI4ULS3V304 Datasheet
389Kb / 9P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V302 PERICOM-PI4ULS3V302 Datasheet
431Kb / 11P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com