Electronic Components Datasheet Search |
|
PI4ULS3V304ZME Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation |
|
PI4ULS3V304ZME Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation |
3 / 9 page ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2013-12-0010 PT0492 01/15/14 3 PI4ULS3V304 140Mb/s Bi-directional Level Translator for Push-Pull Applications DC Electrical Characteristics Note: 1. Normal test conditions are VI = 0V, CIOB ≤ 15pF and CIOA ≤ 15pF, unless otherwise specified. 2. V CCB is the supply voltage associated with the I/O B port, and B range from +1.35 V to 3.6 V under normal operating conditions. 3. V CCA is the supply voltage associated with the I/O A port, and A range from +0.85 V to 2.7V under normal operating conditions. 4. Typical values are for V CCB = +2.8V, VCCA = +1.8V and TA = +25° C. All units are production tested at T A = +25° C. Limits over the operatingtemperature range are guaranteed by design. 5. When VCCA <1.0V, VIH is 0.75*VCCA (Min), VIL is 0.25*VCCA (Max) Sym Parameter Test Conditions *1 V CCB *2 (V) V CCA *3 (V) -40°C to +85°C Unit Min Typ *4 Max V IHB B port Input HIGH Voltage - 1.35-3.6 0.85-2.7 2/3*VCCB - - V V ILB B port Input LOW Voltage - 1.35-3.6 0.85-2.7 - - 1/3* VCCB V V IHA A port Input HIGH Voltage - 1.35-3.6 0.85-2.7 2/3*VCCA - - V V ILA A port Input LOW Voltage - 1.35-3.6 0.85-2.7 - - 1/3 * VCCA V V IH Control Pin Input HIGH Voltage T A = +25° C 1.35-3.6 0.85-2.7 2/3*VCCA - - V V IL Control Pin Input LOW Voltage T A = +25° C 1.35-3.6 0.85-2.7 - - 1/3 * VCCA V V OHB B port Output HIGH Voltage B port source current = 20µA 1.35-3.6 0.85-2.7 0.9*VCCB - - V V OLB B port Output LOW Voltage B port sink current = 20µA 1.35-3.6 0.85-2.7 - - 0.2 V V OHA A port Output HIGH Voltage A port source current= 20µA 1.35-3.6 0.85-2.7 0.9*VCCA - - V V OLA A port Output LOW Voltage A port sink current = 20µA 1.35-3.6 0.85-2.7 - - 0.2 V I QVB VCCB Supply Current EN = VCCA,I O = 0A, (I/O_B= 0V or VCCB, I/O_A= float) or ( I/O_B = float, I/O_A = 0V or V CCA) 1.35-3.6 0.85-2.7 - 0.2 1.5 µA I QVA VCCA Supply Current 1.35-3.6 0.85-2.7 - 0.1 1 µA I TS-B B port Tristate Output Mode Supply Current T A=+25° C, EN=0V ( I/O_B = 0V or VCCB, I/O_A = float) or ( I/O_B = float, I/O_A = 0V or V CCA) 1.35-3.6 0.85-2.7 - 0.2 1.5 µA I TS-A A port Tristate Output Mode Supply Current 1.35-3.6 0.85-2.7 - 0.1 1 µA I OZ I/O Tristate Output Mode Leakage Current T A= +25° C, EN= 0V 1.35-3.6 0.85-2.7 - - ±1 µA II Control Pin Input Current T A = +25° C 1.35-3.6 0.85-2.7 - - ±1 µA IOFF Power Off Leakage Current I/O_B = 0 to 3.6V, I/O_A = 0 to 2.5V 0 0 - - 2 µA 1.35-3.6 0 - - 2 0 0.85-2.7 - - 2 |
Similar Part No. - PI4ULS3V304ZME |
|
Similar Description - PI4ULS3V304ZME |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |