Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V302UE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V302UE
Description  140Mb/s Bi-directional Level Translator for Push-Pull Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V302UE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4ULS3V302UE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V302UE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-01-0006
PT0474-1
02/18/14
4
PI4ULS3V302
140Mb/s Bi-directional Level Translator
for Push-Pull Applications
Timing Characteristics
Sym
Parameter
Test Conditions
*1
V
CCB
*2 (V)
V
CCA
*3(V)
-40°C to +85°C
Unit
Min
Typ
*4
Max
t
R-B
B port Rise Time
C
IOB = 15 pF
1.35-3.6
0.85-2.7
-
1.4
8.5
ns
2.5-3.6
1.8-2.7
-
1.4
3.5
t
F-B
B port Fall Time
C
IOB = 15 pF
1.35-3.6
0.85-2.7
-
1.2
8.5
ns
2.5-3.6
1.8-2.7
-
1.2
3.5
t
R-A
A port Rise Time
C
IOA = 15 pF
1.35-3.6
0.85-2.7
-
1.3
8.5
ns
2.5-3.6
1.8-2.7
-
1.3
3.5
t
F-A
A port Fall Time
C
IOA = 15 pF
1.35-3.6
0.85-2.7
-
1.6
8.5
ns
2.5-3.6
1.8-2.7
-
1.6
3.5
ZOB
B port One-Shot
Output Impedance
*5
1.5
2.5
3.6
0.9-2.5
-
-
-
37
20
15
-
-
-
Ω
ZOA
A port One-Shot Out-
put Impedance
*5
1.5-3.3
0.9
1.8
2.5
-
-
-
52
17
15
-
-
-
Ω
t
PD_A-B
Propagation Delay
(Driving B port )
C
IOB = 15 pF
1.35-3.6
0.85-2.7
-
-
35
ns
2.5-3.6
1.8-2.7
-
-
10
C
IOB = 30 pF
1.35-3.6
0.85-2.7
-
-
35
2.5-3.6
1.8-2.7
-
-
10
C
IOB = 50 pF
1.6-3.6
1.0-2.5
-
-
37
2.5-3.6
1.8-2.7
-
-
11
C
IOB = 100 pF
1.8-3.6
1.2-2.5
-
-
40
2.5-3.6
1.8-2.7
-
-
13
t
PD_B-A
Propagation Delay
(Driving A port )
C
IOA = 15 pF
1.35-3.6
0.85-2.7
-
-
35
ns
2.5-3.6
1.8-2.7
-
-
10
C
IOA = 30 pF
1.35-3.6
0.85-2.7
-
-
35
2.5-3.6
1.8-2.7
-
-
10
C
IOA = 50 pF
1.6- 3.6
1.0-2.5
-
-
37
2.5-3.6
1.8-2.7
-
-
11
C
IOA = 100 pF
1.8 -3.6
1.2-2.5
-
-
40
2.5-3.6
1.8-2.7
-
-
13
t
SK
Channel-to-Channel
Skew
C
IOB = 15pF, CIOA = 15pF
*5
1.35-3.6
0.85-2.7
-
-
0.15
ns
t
EN−B (tPZH)
B port Output Enable
Time
C
IOB = 15pF, I/O_A = VCCA
1.35-3.6
0.85-2.7
-
240
400
ns
2.5-3.6
1.8-2.7
-
-
160
t
EN−B (tPZL)
C
IOB = 15pF, I/O_A = 0V
1.35-3.6
0.85-2.7
-
80
150
2.5-3.6
1.8-2.7
-
-
130
t
EN−A (tPZH)
A port Output Enable
Time
C
IOA = 15pF, I/O_B = VCCB
1.35-3.6
0.85-2.7
-
130
250
ns
2.5-3.6
1.8-2.7
-
-
160
t
EN−A (tPZL)
C
IOA = 15 pF, I/O_B = 0 V
1.35-3.6
0.85-2.7
-
100
200
2.5-3.6
1.8-2.7
-
-
130
t
OIS−B (tPHZ) B port Output Disable
Time
C
IOB = 15pF, I/O_A = VCCA
1.35-3.6
0.85-2.7
-
-
210
ns
2.5-3.6
1.8-2.7
-
-
210
t
OIS−B (tPLZ)
C
IOB = 15pF, I/O_A = 0V
1.35-3.6
0.85-2.7
-
-
175
2.5-3.6
1.8-2.7
-
-
175
t
OIS−B (tPHZ) A port Output Disable
Time
C
IOB = 15pF, I/O_A = VCCA
1.35-3.6
0.85-2.7
-
-
210
ns
2.5-3.6
1.8-2.7
-
-
210
t
OIS−B (tPLZ)
C
IOB = 15pF, I/O_A = 0V
1.35-3.6
0.85-2.7
-
-
175
2.5-3.6
1.8-2.7
-
-
175
To be continued.


Similar Part No. - PI4ULS3V302UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V304 PERICOM-PI4ULS3V304 Datasheet
389Kb / 9P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Diodes Incorporated
PI4ULS3V304A DIODES-PI4ULS3V304A Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
PI4ULS3V304AZMAEX DIODES-PI4ULS3V304AZMAEX Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
logo
Pericom Semiconductor C...
PI4ULS3V304ZME PERICOM-PI4ULS3V304ZME Datasheet
389Kb / 9P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
More results

Similar Description - PI4ULS3V302UE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4ULS3V304A DIODES-PI4ULS3V304A Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
logo
Pericom Semiconductor C...
PI4ULS3V304 PERICOM-PI4ULS3V304 Datasheet
389Kb / 9P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V501 PERICOM-PI4ULS3V501 Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com