Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V204LE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V204LE
Description  4-Bit Bi-directional Level Shifter for Open-drain and Push-pull Application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V204LE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI4ULS3V204LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4ULS3V204LE Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0031
PT0511-2
08/18/15
8
PI4ULS3V204
4-Bit Bi-directional Level Shifter
for Open-drain and Push-pull Application
Timing Characteristics – Open Drain Driving Configuration
(1.1≤ VCCA≤ VCCB ≤ 3.6V, TA = -40°C to 85°C)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
t
RB
B port Rise Time
-
-
-
300
nS
t
FB
B port Fall Time
-
-
-
30
nS
tRA
A port Rise Time
-
-
-
300
nS
t
FA
A port Fall Time
-
-
-
30
nS
t
PHL−A−B
Propagation Delay
(Driving A)
-
-
-
20
nS
t
PLH−A−B
-
-
-
260
nS
t
PHL−B−A
Propagation Delay
(Driving B)
-
-
-
20
nS
t
PLH−B−A
-
-
-
260
nS
t
PPSKEW
Part-to-Part Skew
-
-
-
1
nS
MDR
Maximum Data Rate
-
2
-
-
Mbps
Test Circuits


Similar Part No. - PI4ULS3V204LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V08MZLE PERICOM-PI4ULS3V08MZLE Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS3V16A PERICOM-PI4ULS3V16A Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
More results

Similar Description - PI4ULS3V204LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4ULS5V106 DIODES-PI4ULS5V106 Datasheet
946Kb / 10P
   6-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
June 2018
PI4ULS5V108 DIODES-PI4ULS5V108 Datasheet
1Mb / 12P
   8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2018
PI4ULS5V108Q DIODES-PI4ULS5V108Q Datasheet
1Mb / 11P
   Automotive Qualified 8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2019
logo
Union Semiconductor, In...
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com