Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4GTL2014 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4GTL2014
Description  4-bit LVTTL to GTL transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2014 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4GTL2014 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4GTL2014 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0001
PT0568-1
12/11/15
7
PI4GTL2014
Preliminary Datasheet
4-bit LVTTL to GTL transceiver
Dynamic characteristics
All typical values are at VCC = 2.5 V and Tamb = 25 °C.
Symbol
Parameter
Conditions
Min
Typ
[1]
Max
Unit
GTL − ; Vref = 0.5V; VTT = 0.75 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
6.5
10
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
7.5
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.8
9
ns
GTL − ; Vref = 0.6 V; VTT = 0.9 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
5.7
10
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
7.5
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.6
9
ns
GTL − ; Vref = 0.8 V; VTT = 1.2 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
7.5
12
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
7.5
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.6
9
ns
GTL+; Vref = 1.0 V; VTT = 1.5 V
tPLH
LOW to HIGH
propagation delay
An to Bn
2.3
5
ns
tPHL
HIGH to LOW
propagation delay
An to Bn
8.6
12
ns
tPLH
LOW to HIGH
propagation delay
Bn to An
8.8
12
ns
tPHL
HIGH to LOW
propagation delay
Bn to An
5.6
9
ns


Similar Part No. - PI4GTL2014

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
PI4GTL2002UE PERICOM-PI4GTL2002UE Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
PI4GTL2002UEX PERICOM-PI4GTL2002UEX Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
PI4GTL2002WE PERICOM-PI4GTL2002WE Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
PI4GTL2002WEX PERICOM-PI4GTL2002WEX Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
More results

Similar Description - PI4GTL2014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
   4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
   4-bit LVTTL to GTL transceiver
logo
NXP Semiconductors
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
[Old version datasheet]   4-Channel LVTTL to GTL Transceiver
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
   4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com