Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2562B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # NX2562B
Description  2.5V/3.3V CML XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

NX2562B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  NX2562B Datasheet HTML 1Page - Pericom Semiconductor Corporation NX2562B Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-232-9100 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
NX256
Rev D
08/12/15
2.5V/3.3V CML XO
NX256
Ultra Low Jitter PLL Crystal Oscillator 2.5 x 2.5mm
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VCC
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VCC
V
Output is Hi-Z
Output Disable Delay
100
ns
Output Enable Delay
100
ns
Start up Time
10
ms
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/hiflex-xo/?part=NX256
For test circuit go to:
http://www.pericom.com/pdf/sre/tc-CML.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_2520_xo.pdf
2
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
5
1000
MHz
Supply Voltage
3.135
3.3
3.465
V
See ordering options
2.375
2.5
2.625
Supply Current, Output Enabled
70
mA
Supply Current, Output Disabled only
40
mA
Frequency Stability
±50
ppm
See ordering options
Operating Temperature Range
-40
+85
°C
See ordering options
Output Load
100Ω connected between outputs
Output requires termination
Differential Output Voltage. VOD
0.35
0.65
V
Output Offset Voltage. VOS
1.125
1.375
V
Duty Cycle
45
55
%
Measured 50% VCC
Rise and Fall Time
400
ps
Measured 20/80% of waveform
Jitter, Accumulated , RMS (1-σ)
6
ps
20.000 adjacent periods
Jitter, Phase, RMS
< 40MHz
0.4
1
ps
12kHz to 5 MHz frequency band
40 to 1000MHz
0.4
1
ps
12kHz to 20 MHz frequency band
125MHz, 156.25MHz
0.4
0.6
ps
12kHz to 20 MHz frequency band
Jitter, pk-pk
40
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2. Phase jitter typical value is depending on output frequencies.
3.
For specifications other than those listed, please contact sales.
15-0071


Similar Part No. - NX2562B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511A PERICOM-NX2511A Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511B PERICOM-NX2511B Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511C PERICOM-NX2511C Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511D PERICOM-NX2511D Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results

Similar Description - NX2562B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX706 PERICOM-NX706 Datasheet
786Kb / 2P
   2.5V/3.3V CML XO
NX326 PERICOM-NX326 Datasheet
659Kb / 2P
   2.5V/3.3V CML XO
NX76SA PERICOM-NX76SA Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX36SA PERICOM-NX36SA Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX26SA PERICOM-NX26SA Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX56SA PERICOM-NX56SA Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX26SB PERICOM-NX26SB Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX36SB PERICOM-NX36SB Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX56SB PERICOM-NX56SB Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
NX76SB PERICOM-NX76SB Datasheet
1Mb / 2P
   2.5V/3.3V CML FS XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com