Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-15T-CV Datasheet(PDF) 1 Page - Hirose Electric

Part # NX-15T-CV
Description  I/O Card Interface Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NX-15T-CV Datasheet(HTML) 1 Page - Hirose Electric

  NX-15T-CV Datasheet HTML 1Page - Hirose Electric NX-15T-CV Datasheet HTML 2Page - Hirose Electric NX-15T-CV Datasheet HTML 3Page - Hirose Electric NX-15T-CV Datasheet HTML 4Page - Hirose Electric NX-15T-CV Datasheet HTML 5Page - Hirose Electric NX-15T-CV Datasheet HTML 6Page - Hirose Electric NX-15T-CV Datasheet HTML 7Page - Hirose Electric NX-15T-CV Datasheet HTML 8Page - Hirose Electric NX-15T-CV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
B8
I/O Card Interface Connectors
NX Series
1. Low Profile
Protorusion above the PCB board is only 2.9mm, and the
connectors can be mounted to type I and II I/O cards.
2. EMI/RFI protection
Full metal shielding. Shield connects first, ahead of
contacts.
3. ESD Secure
Thermoplastic molded covers assures insulation
of the connections and shields from ESD.
4. Secure Latching
A built-in latch assures correct and secure
mating of connector.
5. Reliable Conductor Termination
Reliable
termination
of
conductors
is
accomplished by proven IDC termination.
6. Sequential Mating
The 0.8mm pitch contacts are engaging the
corresponding parts in sequence: Ground-
Power & Signal
7. Rugged Construction
Securely attached to the board with optional
screws.
8. Card Frame Kits
Available as a separate part number.
9. Secure Attachment to Frame Kit.
Compliant mounting bracket attaches the
connectore directly to the frame kit.
sFeatures
sSpecifications
100 V DC
300 V AC / 1 minute
100 mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 directions.
96 hours at temperature of 60ç and humidity of 90% to 95%
-55ç, 30 min./15 to 30ç, within 5 min/85ç, 30 min
/15 to 35ç, within 5 min, for 5 cycles
3000 cycles
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
250 M ohms min.
No flashover or insulation breakdown.
40 m ohms max.
No electrical discontinuity of 10µs or
more
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts looseness.
60 m ohms max.
No deformation of components affecting
performance.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Humidity (Steady state)
6. Temperature cycle
7. Durability
(Insertion/withdrawal)
8. Resistance to
Soldering heat
Ratings
0.5 A
125 V AC
Current rating
Voltage rating
Operating temperature
-30ç to +70ç (Note 1)
Operating humidity
95% R.H. or less
(No condensation)
Storage temperature range -10ç to +60ç (Note 2)
Storage humidity range
40 to 70% (Note 2)
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during
transportation.
Used with I/O cards, portable personal computers,and the external connections of various small-sized portable
terminals.
sApplications


Similar Part No. - NX-15T-CV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NX-AD2203 OMRON-NX-AD2203 Datasheet
1Mb / 19P
   machine controller
NX-AD2204 OMRON-NX-AD2204 Datasheet
1Mb / 19P
   machine controller
NX-AD2208 OMRON-NX-AD2208 Datasheet
1Mb / 19P
   machine controller
NX-AD2603 OMRON-NX-AD2603 Datasheet
1Mb / 19P
   machine controller
NX-AD2604 OMRON-NX-AD2604 Datasheet
1Mb / 19P
   machine controller
More results

Similar Description - NX-15T-CV

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GD ICHAUS-IC-GD Datasheet
1,023Kb / 55P
   UNIVERSAL I/O INTERFACE
logo
M-System Co.,Ltd.
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
   Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
   Remote I/O R3 Series INTERFACE I/O MODULE
logo
Rohm
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
logo
Fujitsu Component Limit...
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
   PARALLEL DATA I/O INTERFACE
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Intersil Corporation
CDP1851 INTERSIL-CDP1851 Datasheet
56Kb / 14P
   CMOS Programmable I/O Interface
March 1997
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
   REMOTE I/O INTERFACE UNIT
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
   Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com