Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE11 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P4KE11
Description  Unidirectional And Bidirectional
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P4KE11 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P4KE11 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4KE11 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4KE11 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @25°C
PART NUMBER
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
TEST
CURRENT
I T
RATED
STANDOFF
VOLTAGE
VWM
MAXIMUM
REVERSE
LEAKAGE
I D @VWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MAX. TEMP
COEFFICIENT OF
V BR
V(BR) (TA)
–55
°C TO 100°C
MIN
NOM
MAX
mADC
V
(
μA)
V
A
% /
°C
P4KE6.8
6.12
6.8
7.48
10
5.50
500
10.8
37
.057
P4KE6.8A
6.45
6.8
7.14
10
5.80
500
10.5
38
.057
P4KE7.5
6.75
7.5
8.25
10
6.05
200
11.7
34
.061
P4KE7.5A
7.13
7.5
7.88
10
6.40
200
11.3
35
.061
P4KE8.2
7.38
8.2
9.02
10
6.63
100
12.5
32
.065
P4KE8.2A
7.79
8.2
8.61
10
7.02
100
12.1
33
.065
P4KE9.1
8.19
9.1
10.0
1
7.37
20
13.8
29
.068
P4KE9.1A
8.65
9.1
9.55
1
7.78
20
13.4
30
.068
P4KE10
9.00
10
11.0
1
8.10
20
15.0
27
.073
P4KE10A
9.50
10
10.5
1
8.55
5
14.5
28
.073
P4KE11
9.90
11
12.1
1
8.92
2
16.2
25
.075
P4KE11A
10.5
11
11.6
1
9.40
2
15.6
26
.075
P4KE12
10.8
12
13.2
1
9.72
2
17.3
23
.078
P4KE12A
11.4
12
12.6
1
10.2
2
16.7
24
.078
P4KE13
11.7
13
14.3
1
10.5
2
19.0
21
.081
P4KE13A
12.4
13
13.7
1
11.1
2
18.2
22
.081
P4KE15
13.5
15
16.5
1
12.1
2
22.0
18
.084
P4KE15A
14.3
15
15.8
1
12.8
2
21.2
19
.084
P4KE16
14.4
16
17.6
1
12.9
2
23.5
17
.086
P4KE16A
15.2
16
16.8
1
13.6
2
22.5
18
.086
P4KE18
16.2
18
19.8
1
14.5
2
26.5
15
.088
P4KE18A
17.1
18
18.0
1
15.3
2
25.2
16
.088
P4KE20
18.0
20
22.0
1
16.2
2
29.1
14
.090
P4KE20A
19.0
20
21.0
1
17.1
2
27.7
14.5
.090
P4KE22
19.8
22
24.2
1
17.8
2
31.9
12.5
.092
P4KE22A
20.9
22
23.1
1
18.8
2
30.6
13
.092
P4KE24
21.6
24
26.4
1
19.4
2
34.7
11.5
.094
P4KE24A
22.8
24
25.2
1
20.5
2
33.2
12
.094
P4KE27
24.3
27
29.7
1
21.8
2
39.1
10
.096
P4KE27A
25.7
27
28.4
1
23.1
2
37.5
11
.096
P4KE30
27.0
30
33.0
1
24.3
2
43.5
9.0
.097
P4KE30A
28.5
30
31.5
1
25.6
2
41.4
9.5
.097
P4KE33
29.7
33
36.3
1
26.8
2
47.7
8.5
.098
P4KE33A
31.4
33
34.7
1
28.2
2
45.7
9.0
.098
P4KE36
32.4
36
39.6
1
29.1
2
52.0
7.5
.099
P4KE36A
34.2
36
37.8
1
30.8
2
49.9
8.0
.099
Figure 4 - Derating Curve
Peak Pulse Power (% PPP) -
Versus - Temperature °C
Temperature
°C
25
100
150
200
% PPP
50
100
Typical Capacitance (pf) –
versus – Breakdown voltage (V
BR)
Figure 3 - Typical Capacitance
0
10
100
1000
10
100
1000
pf
VBR
10000
Measured at
zero bias
Measured at
standoff voltage
P4KE6.8 thru P4KE400A


Similar Part No. - P4KE11

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE11 PANJIT-P4KE11 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Anova Technologies CO.,...
P4KE11 ANOVA-P4KE11 Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Rugao Dachang Electroni...
P4KE11 DACHANG-P4KE11 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE11 DIOTEC-P4KE11 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE11 LUGUANG-P4KE11 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE11

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
M1.5KE6.8A MICROSEMI-M1.5KE6.8A Datasheet
386Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressor
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com