Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR103 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FR103
Description  Fast Switching Speed For High Efficiency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FR103 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  FR103 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR103 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR103 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FR101 thru FR107
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.8
1.0
1.2
Junction Capacitance - pF
versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
12
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C


Similar Part No. - FR103

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR103 SURGE-FR103 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Electronics ...
FR103 CHENDA-FR103 Datasheet
596Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
RFE international
FR103 RFE-FR103 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Leshan Radio Company
FR103 LRC-FR103 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
SAMYANG ELECTRONICS CO....
FR103 SAMYANG-FR103 Datasheet
465Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR103

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MUR105 YFWDIODE-MUR105 Datasheet
81Kb / 3P
   Super Fast Switching Speed For High Efficiency
UF4001 YFWDIODE-UF4001 Datasheet
93Kb / 2P
   Ultra Fast Switching Speed For High Efficiency
logo
Shanghai Leiditech Elec...
FR101 LEIDITECH-FR101 Datasheet
463Kb / 3P
   High Current Capability Fast Switching Speed For High Efficiency
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
   Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
   Fast switching for high efficiency
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
   Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
   Fast switching for high efficiency
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933_10 Datasheet
891Kb / 2P
   Fast switching for high efficiency
FR301 DEC-FR301 Datasheet
665Kb / 2P
   Fast switching for high efficiency
1F1 DEC-1F1 Datasheet
961Kb / 2P
   Fast switching for high efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com