Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV10248EDBLL Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS64WV10248EDBLL
Description  TTL compatible inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV10248EDBLL Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS64WV10248EDBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV10248EDBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. A
02/20/2013
IS61WV10248EDBLL
IS64WV10248EDBLL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
Vterm
TerminalVoltagewithRespecttoGND
–0.5toVdd+0.5
V
Vdd
VddRelatestoGND
–0.3to4.0
V
tstg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
1.0
W
Notes:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamageto
thedevice.Thisisastressratingonlyandfunctionaloperationofthedeviceattheseoranyotherconditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
TRUTH TABLE
Mode
WE
CE
OE
I/O Operation VDD Current
NotSelected
X
H
X
High-Z
Isb1, Isb2
(Power-down)
OutputDisabledH
L
H
High-Z
Icc
Read
H
L
L
dout
Icc
Write
L
L
X
dIn
Icc
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
cIn
Input Capacitance
VIn = 0V
6
pF
c
I/o
Input/OutputCapacitance
Vout = 0V
8
pF
Notes:
1.Testedinitiallyandafteranydesignorprocesschangesthatmayaffecttheseparameters.
2. Testconditions:Ta = 25°c, f=1MHz,Vdd=3.3V.


Similar Part No. - IS64WV10248EDBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV10248BLL ISSI-IS64WV10248BLL Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS64WV10248BLL-10CTLA3 ISSI-IS64WV10248BLL-10CTLA3 Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS64WV10248BLL-10MA3 ISSI-IS64WV10248BLL-10MA3 Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS64WV10248BLL-10TA3 ISSI-IS64WV10248BLL-10TA3 Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64WV10248EDBLL

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
   TTL Compatible Inputs and Outputs
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Fujitsu Component Limit...
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
   TTL compatible inputs and outputs
logo
Integrated Silicon Solu...
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
   TTL compatible inputs and outputs
IS61WV51216EDALL ISSI-IS61WV51216EDALL Datasheet
921Kb / 19P
   TTL compatible inputs and outputs
logo
Micross Components
AS8ER128K32 MICROSS-AS8ER128K32 Datasheet
452Kb / 19P
   TTL Compatible Inputs and Outputs
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT_14 Datasheet
376Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Alliance Semiconductor ...
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
   All inputs and outputs TTL compatible
logo
Micross Components
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
   All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com