Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDPB44M18B2 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61QDPB44M18B2
Description  2Mx36 and 4Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDPB44M18B2 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61QDPB44M18B2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61QDPB44M18B2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
IS61QDPB44M18B/B1/B2
IS61QDPB42M36B/B1/B2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
09/02/2014
6
ODT (On Die Termination)
On Die Termination (ODT) is a feature that allows a SRAM to change input resistive termination condition by ODT pin
which function can have three status, High, Low, and Floating. Each status can have different ODT termination value
that tracks the value of RQ (Refer to the table of Fig1) and ODT of QUADP is always turned on during the read and
write function after ODT level to connect with ODT resistor is forced.
Fig1. Functional representation of ODT
Notes
1. Allowable range of RQ to guarantee impedance matching a tolerance of ±20% is 175
Ω<RQ<350Ω.
2. Allowable range of RQ to guarantee impedance matching a tolerance of ±20% is 175
Ω<RQ<250Ω.
3. ODT control pin is connected to VDDQ through 3.5k
Ω. Therefore it is recommended to connect it to VSS
through less than 100
Ω to make it low.
4. ODT control pin is connected to VSS through 3.5k
Ω. Therefore it is recommended to connect it to VDDQ
through less than 100
Ω to make it high.
ODT PIN
For option1 case, low input level of ODT pin can select strong (RQ
1) input termination range (175Ω<RQ<350Ω) and
high input level of ODT pin can select weak (RQ
2) input termination range (175Ω<RQ<250Ω) with K, K#, D0 to Dn,
BWx# and if ODT pin is on floating condition, it set weak (RQ
2) input termination range which ODT pin is connected by
pull-up resistor internally.
For option2 case, high input level of ODT pin can select weak (RQ
2) input termination
range (175
Ω<RQ<250Ω) with D0 to Dn, BWx# and low input level or floating of ODT pin can select disable of the ODT
function.
R1
R2
R3
Option1
3
0.3x
RQ
1
0.6x
RQ
2
0.6x
RQ
2
Option2
4
ODT
disable
0.6x
RQ
2
ODT
disable
PAD
ODT=L
ODT=L
ODT=H
ODT=H
ODT=Floating
ODT=Floating
VDDQ
VSS
VDDQ
VSS
VDDQ
VSS
R1x2
R1x2
R2x2
R2x2
R3x2
R3x2


Similar Part No. - IS61QDPB44M18B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB44M18-300M3 ISSI-IS61QDPB44M18-300M3 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB44M18-300M3L ISSI-IS61QDPB44M18-300M3L Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB44M18-333M3 ISSI-IS61QDPB44M18-333M3 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB44M18-333M3L ISSI-IS61QDPB44M18-333M3L Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB44M18-375M3 ISSI-IS61QDPB44M18-375M3 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
More results

Similar Description - IS61QDPB44M18B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
IS61QDB24M18A ISSI-IS61QDB24M18A Datasheet
776Kb / 29P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B24M18A ISSI-IS61QDP2B24M18A Datasheet
815Kb / 31P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B44M18A ISSI-IS61QDP2B44M18A Datasheet
865Kb / 33P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18A ISSI-IS61QDPB44M18A Datasheet
920Kb / 33P
   2Mx36 and 4Mx18 configuration available
logo
Samsung semiconductor
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com