Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDPB42M36A Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61QDPB42M36A
Description  2Mx36 and 4Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDPB42M36A Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61QDPB42M36A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61QDPB42M36A Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
IS61QDPB44M18A/A1/A2
IS61QDPB42M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. E
07/07/2014
8
Sequence3. /Doff is controlled but goes high before clock being stable.
Because DLL has a risk to be locked with the unstable clock, DLL needs to be reset and locked with the stable input.
a) K-stop to reset. If K or K# stays at VIH or VIL for more than 30nS, DLL will be reset and ready to re-lock. In tKC-
Lock period, DLL will be locked with a new stable value. Device can be ready for normal operation after that.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
a) /Doff Low to reset. If /Doff toggled low to high, DLL will be reset and ready to re-lock. In tKC-Lock period, DLL will
be locked with a new stable value. Device can be ready for normal operation after that.
Note) Applying DLL reset sequences (sequence 3a, 3b) are also required when operating frequency is changed without power off.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Power On stage
Unstable Clock Period
K-Stop
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
Power On stage
Unstable Clock Period
Doff reset DLL
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
>30nS
>tKC-lock for device initialization
>tDoffLowToReset
>tKC-lock for device
initialization


Similar Part No. - IS61QDPB42M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB42M36-300M3 ISSI-IS61QDPB42M36-300M3 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB42M36-300M3L ISSI-IS61QDPB42M36-300M3L Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB42M36-333M3 ISSI-IS61QDPB42M36-333M3 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDPB42M36-333M3L ISSI-IS61QDPB42M36-333M3L Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
More results

Similar Description - IS61QDPB42M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18B ISSI-IS61QDPB44M18B Datasheet
937Kb / 33P
   2Mx36 and 4Mx18 configuration available
IS61QDB24M18A ISSI-IS61QDB24M18A Datasheet
776Kb / 29P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B24M18A ISSI-IS61QDP2B24M18A Datasheet
815Kb / 31P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B44M18A ISSI-IS61QDP2B44M18A Datasheet
865Kb / 33P
   2Mx36 and 4Mx18 configuration available
logo
Samsung semiconductor
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com