Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDPB42M18B1 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61QDPB42M18B1
Description  1Mx36 and 2Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDPB42M18B1 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61QDPB42M18B1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61QDPB42M18B1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
IS61QDPB42M18B/B1/B2
IS61QDPB41M36B/B1/B2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/14/2014
7
Power-Up and Power-Down Sequences
The recommendation of voltage apply sequence is : VDD → VDDQ
1)→V
REF
2)→ V
IN
Notes:
VDDQ can be applied concurrently with VDD.
VREF can be applied concurrently with VDDQ.
After power and clock signals are stabilized, device can be ready for normal operation after tKC-Lock cycles. In tKC-
lock cycle period, device initializes internal logics and locks DLL. Depending on /Doff status, locking DLL will be
skipped. The following timing pictures are possible examples of power up sequence.
Sequence1. /Doff is fixed low
After tKC-lock cycle of stable clock, device is ready for normal operation.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Sequence2. /Doff is controlled and goes high after clock being stable.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
VDD
VDDQ
VREF
VIN
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
>tKC-lock for device initialization
>tKC-lock for device initialization


Similar Part No. - IS61QDPB42M18B1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB42M18A1 ISSI-IS61QDPB42M18A1 Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB42M18A2 ISSI-IS61QDPB42M18A2 Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDPB42M18B1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDB22M18A ISSI-IS61QDB22M18A Datasheet
836Kb / 29P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B22M18A ISSI-IS61QDP2B22M18A Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB22M18A ISSI-IS61QDPB22M18A Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B42M18A ISSI-IS61QDP2B42M18A Datasheet
865Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61DDPB22M18B ISSI-IS61DDPB22M18B Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com