Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDPB41M18A Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61QDPB41M18A
Description  512Kx36 and 1Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDPB41M18A Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61QDPB41M18A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDPB41M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IS61QDPB41M18A/A1/A2
IS61QDPB451236A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/02/2014
1
1Mx18, 512Kx36
18Mb QUADP (Burst 4) SYNCHRONOUS SRAM
(2.5 Cycle Read Latency)
FEATURES
512Kx36 and 1Mx18 configuration available.
On-chip Delay-Locked Loop (DLL) for wide data
valid window.
Separate independent read and write ports with
concurrent read and write operations.
Synchronous pipeline read with late write operation.
Double Data Rate (DDR) interface for read and
write input ports.
2.5 cycle read latency.
Fixed 4-bit burst for read and write operations.
Clock stop support.
Two input clocks (K and K#) for address and control
registering at rising edges only.
Two echo clocks (CQ and CQ#) that are delivered
simultaneously with data.
Data Valid Pin (QVLD).
+1.8V core power supply and 1.5, 1.8V VDDQ, used
with 0.75, 0.9V VREF.
HSTL input and output interface.
Registered addresses, write and read controls, byte
writes, data in, and data outputs.
Full data coherency.
Boundary scan using limited set of JTAG 1149.1
functions.
Byte write capability.
Fine ball grid array (FBGA) package:
13mmx15mm and 15mmx17mm body size
165-ball (11 x 15) array
Programmable impedance output drivers via 5x
user-supplied precision resistor.
ODT (On Die Termination) feature is supported
optionally on data input, K/K#, and BWx#.
The end of top mark (A/A1/A2) is to define options.
IS61QDPB451236A
:
Don’t care ODT function
and pin connection
IS61QDPB451236A 1 : Option1
IS61QDPB451236A 2 : Option2
Refer to more detail description at page 6 for each
ODT option.
DESCRIPTION
The 18Mb IS61QDPB451236A/A1/A2 and
IS61QDPB41M18A/A1/A2 are synchronous, high-
performance CMOS static random access memory (SRAM)
devices. These SRAMs have separate I/Os, eliminating the
need for high-speed bus turnaround. The rising edge of K
clock initiates the read/write operation, and all internal
operations are self-timed. Refer to the Timing Reference
Diagram for Truth Table for a description of the basic
operations of these QUADP (Burst of 4) SRAMs. Read and
write addresses are registered on alternating rising edges of
the K clock. Reads and writes are performed in double data
rate.
The following are registered internally on the rising edge of
the K clock:
Read/write address
Read enable
Write enable
Byte writes for burst addresses 1 and 3
Data-in for burst addresses 1 and 3
The following are registered on the rising edge of the K#
clock:
Byte writes for burst addresses 2 and 4
Data-in for burst addresses 2 and 4
Byte writes can change with the corresponding data-in to
enable or disable writes on a per-byte basis. An internal write
buffer enables the data-ins to be registered one cycle after
the write address. The first data-in burst is clocked one cycle
later than the write command signal, and the second burst is
timed to the following rising edge of the K# clock. Two full
clock cycles are required to complete a write operation.
During the burst read operation, the data-outs from the first
and third bursts are updated from output registers of the third
and fourth rising edges of the K# clock (starting 2.5 cycles
later after read command). The data-outs from the second
and fourth bursts are updated with the fourth and fifth rising
edges of the K clock where the read command receives at
the first rising edge of K. Two full clock cycles are required to
complete a read operation.
The device is operated with a single +1.8V power supply
and is compatible with HSTL I/O interfaces.
NOVEMBER 2014
Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS61QDPB41M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB41M36A ISSI-IS61QDPB41M36A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB41M36A1 ISSI-IS61QDPB41M36A1 Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB41M36A2 ISSI-IS61QDPB41M36A2 Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB41M36B ISSI-IS61QDPB41M36B Datasheet
886Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB41M36B1 ISSI-IS61QDPB41M36B1 Datasheet
886Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDPB41M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB21M18A ISSI-IS61QDB21M18A Datasheet
772Kb / 30P
   512Kx36 and 1Mx18 configuration available
IS61QDPB21M18A ISSI-IS61QDPB21M18A Datasheet
789Kb / 31P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B21M18A ISSI-IS61QDP2B21M18A Datasheet
801Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDB41M18A ISSI-IS61QDB41M18A Datasheet
797Kb / 30P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A ISSI-IS61QDP2B41M18A Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
logo
Samsung semiconductor
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com