Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDP2B41M36A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61QDP2B41M36A
Description  1Mx36 and 2Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDP2B41M36A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61QDP2B41M36A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDP2B41M36A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
IS61QDP2B42M18A/A1/A2
IS61QDP2B41M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
12/15/2014
4
SRAM Features description
Block Diagram
Data
Register
Address
Register
Control
Logic
D (Data-In)
36 (18)
18 (19)
Address
4 (2)
R#
W#
BWx#
Clock
Generator
Doff#
K
K#
1M x 36
(2M x 18)
Memory Array
Write
Driver
Select Output Control
Output
Register
18 (19)
72 (36)
72 (36)
72 (36)
72 (36)
72 (36)
144 (72)
36 (18)
Q (Data-out)
QVLD
CQ, CQ#
(Echo Clocks)
2
36 (18)
QVLD
CQ, CQ#
(Echo Clocks)
2
Note: Numerical values in parentheses refer to the x18 device configuration.
Read Operations
The SRAM operates continuously in a burst-of-four mode. Read cycles are started by registering R# in active low state
at the rising edge of the K clock. R# can be activated every other cycle because two full cycles are required to
complete the burst of four in DDR mode. A set of free-running echo clocks, CQ and CQ#, are produced internally with
timings identical to the data-outs. The echo clocks can be used as data capture clocks by the receiver device.
The data corresponding to the first address is clocked two cycles later by the rising edge of the K clock. The data
corresponding to the second burst is clocked two and half cycles later by the following rising edge of the K# clock. The
third data-out is clocked by the subsequent rising edge of the K clock, and the fourth data-out is clocked by the
subsequent rising edge of the K# clock.
A NOP operation (R# is high) does not terminate the previous read.
Write Operations
Write operations can also be initiated at every other rising edge of the K clock whenever W# is low. The write address
is provided simultaneously. Again, the write always occurs in bursts of four.
The write data is provided in a ‘late write’ mode; that is, the data-in corresponding to the first address of the burst, is
presented one cycle later or at the rising edge of the following K clock. The data-in corresponding to the second write
burst address follows next, registered by the rising edge of K#. The third data-in is clocked by the subsequent rising
edge of the K clock, and the fourth data-in is clocked by the subsequent rising edge of the K# clock.


Similar Part No. - IS61QDP2B41M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDP2B41M18A ISSI-IS61QDP2B41M18A Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A1 ISSI-IS61QDP2B41M18A1 Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A2 ISSI-IS61QDP2B41M18A2 Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
More results

Similar Description - IS61QDP2B41M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB42M18B ISSI-IS61QDPB42M18B Datasheet
886Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDB22M18A ISSI-IS61QDB22M18A Datasheet
836Kb / 29P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B22M18A ISSI-IS61QDP2B22M18A Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB22M18A ISSI-IS61QDPB22M18A Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61DDPB22M18B ISSI-IS61DDPB22M18B Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com