Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDP2B251236A2 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61QDP2B251236A2
Description  512Kx36 and 1Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDP2B251236A2 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61QDP2B251236A2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDP2B251236A2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IS61QDP2B21M18A/A1/A2
IS61QDP2B251236A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/02/2014
1
1Mx18, 512Kx36
18Mb QUADP (Burst 2) Synchronous SRAM
(2.0 CYCLE READ LATENCY)
FEATURES
512Kx36 and 1Mx18 configuration available.
On-chip Delay-Locked Loop (DLL) for wide data
valid window.
Separate independent read and write ports with
concurrent read and write operations.
Synchronous pipeline read with EARLY write
operation.
Double Data Rate (DDR) interface for read and
write input ports.
2.0 Cycle read latency.
Fixed 2-bit burst for read and write operations.
Clock stop support.
Two input clocks (K and K#) for address and control
registering at rising edges only.
Two echo clocks (CQ and CQ#) that are delivered
simultaneously with data.
Data valid pin (QVLD).
+1.8V core power supply and 1.5, 1.8V VDDQ, used
with 0.75, 0.9V VREF.
HSTL input and output interface.
Registered addresses, write and read controls, byte
writes, data in, and data outputs.
Full data coherency.
Boundary scan using limited set of JTAG 1149.1
functions.
Byte Write capability.
Fine ball grid array (FBGA) package option:
13mmx15mm and 15mmx17mm body size
165-ball (11 x 15) array
Programmable impedance output drivers via 5x
user-supplied precision resistor.
ODT (On Die Termination) feature is supported
optionally on data input, K/K#, and BWx#.
The end of top mark (A/A1/A2) is to define options.
: Don’t care ODT function
and pin connection
1 : Option1
2 : Option2
Refer to more detail description at page 6 for each
ODT option.
DESCRIPTION
The
and
are synchronous, high-
performance CMOS static random access memory (SRAM)
devices. These SRAMs have separate I/Os, eliminating the
need for high-speed bus turnaround. The rising edge of K
clock initiates the read/write operation, and all internal
operations are self-timed. Refer to the
for a description of the basic
operations of these
SRAMs. Read and
write addresses are registered on alternating rising edges of
the K clock. Read and write performed in double data rate.
The following are registered internally on the rising edge of
the K clock:
Read address
Read enable
Write enable
Data-in for early writes
The following are registered on the rising edge of the K#
clock:
Write address
Byte writes
Data-in for second burst addresses
Byte writes can change with the corresponding data-in to
enable or disable writes on a per-byte basis. An internal write
buffer enables the data-ins to be registered half a cycle
earlier than the write address. The first data-in burst is
clocked at the same time as the write command signal, and
the second burst is timed to the following rising edge of the
K# clock.
During the burst read operation, the data-outs from the first
bursts are updated from output registers of the second rising
edge of the K# clock (starting two cycles later after read
command). The data-outs from the second bursts are
updated with the third rising edge of the K clock. The K and
K# clocks are used to time the data-outs.
The device is operated with a single +1.8V power supply and
is compatible with HSTL I/O interface.
Copyright © 2010 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
OCTOBER 2014


Similar Part No. - IS61QDP2B251236A2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDP2B21M36A ISSI-IS61QDP2B21M36A Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B21M36A1 ISSI-IS61QDP2B21M36A1 Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B21M36A2 ISSI-IS61QDP2B21M36A2 Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B22M18A ISSI-IS61QDP2B22M18A Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B22M18A1 ISSI-IS61QDP2B22M18A1 Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDP2B251236A2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB21M18A ISSI-IS61QDB21M18A Datasheet
772Kb / 30P
   512Kx36 and 1Mx18 configuration available
IS61QDPB21M18A ISSI-IS61QDPB21M18A Datasheet
789Kb / 31P
   512Kx36 and 1Mx18 configuration available
IS61QDPB41M18A ISSI-IS61QDPB41M18A Datasheet
865Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDB41M18A ISSI-IS61QDB41M18A Datasheet
797Kb / 30P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A ISSI-IS61QDP2B41M18A Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
logo
Samsung semiconductor
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com