Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDB22M36A Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61QDB22M36A
Description  2Mx36 and 4Mx18 configuration available
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDB22M36A Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61QDB22M36A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDB22M36A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
IS61QDB24M18A
IS61QDB22M36A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
8/7/2014
5
During a write, the byte writes independently control which byte of any of the four burst addresses is written (see
X18/X36 Write Truth Tables and Timing Reference Diagram for Truth Table).
Whenever a write is disabled (W# is high at the rising edge of K), data is not written into the memory.
RQ Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin on the SRAM and VSS to enable the SRAM to adjust
its output driver impedance. The value of RQ must be 5x the value of the intended line impedance driven by the
SRAM. For example, an RQ
of 250Ω results in a driver impedance of 50Ω. The allowable range of RQ to guarantee
impedance matching is between 175Ω and 350Ω at V
DDQ=1.5V. The RQ resistor should be placed less than two inches
away from the ZQ ball on the SRAM module. The capacitance of the loaded ZQ trace must be less than 7.5pF.
The ZQ pin can also be directly connected to VDDQ to obtain a minimum impedance setting. ZQ should not be
connected to VSS.
PROGRAMMABLE IMPEDANCE AND POWER-UP REQUIREMENT
s
Periodic readjustment of the output driver impedance is necessary as the impedance is greatly affected by drifts in
supply voltage and temperature. During power-up, the driver impedance is in the middle of allowable impedances
values. The final impedance value is achieved within 1024 clock cycles.
Single Clock Mode
This device can be also operated in single-clock mode. In this case, C and C# are both connected high at power-up
and must never change. Under this condition, K and K# will control the output timings.
Either clock pair must have both polarities switching and must never connect to VREF, as they are not differential
clocks.
Depth Expansion
Separate input and output ports enable easy depth expansion, as each port can be selected and deselected
independently. Read and write operations can occur simultaneously without affecting each other. Also, all pending
read and write transactions are always completed prior to deselecting the corresponding port.
Delay Locked Loop (DLL)
Delay Locked Loop (DLL) is a new system to align the output data coincident with clock rising or falling edge to
enhance the output valid timing characteristics. It is locked to the clock frequency and is constantly adjusted to match
the clock frequency. Therefore device can have stable output over the temperature and voltage variation.
DLL has a limitation of locking range and jitter adjustment which are specified as tKHKH and tKCvar respectively in the
AC timing characteristics. In order to turn this feature off, applying logic low to the Doff# pin will bypass this. In the DLL
off mode, the device behaves with one cycle latency and a longer access time which is known in DDR-I or legacy
QUAD mode.
The DLL can also be reset without power down by toggling Doff# pin low to high or stopping the input clocks K and K#
for a minimum of 30ns.(K and K# must be stayed either at higher than VIH or lower than VIL level. Remaining Vref is
not permitted.) DLL reset must be issued when power up or when clock frequency changes abruptly. After DLL being
reset, it gets locked after 2048 cycles of stable clock.


Similar Part No. - IS61QDB22M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB22M36-200M3L ISSI-IS61QDB22M36-200M3L Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB22M36-250M3 ISSI-IS61QDB22M36-250M3 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB22M36-250M3L ISSI-IS61QDB22M36-250M3L Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB22M36-300M3 ISSI-IS61QDB22M36-300M3 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
More results

Similar Description - IS61QDB22M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18B ISSI-IS61QDPB44M18B Datasheet
937Kb / 33P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B24M18A ISSI-IS61QDP2B24M18A Datasheet
815Kb / 31P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B44M18A ISSI-IS61QDP2B44M18A Datasheet
865Kb / 33P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18A ISSI-IS61QDPB44M18A Datasheet
920Kb / 33P
   2Mx36 and 4Mx18 configuration available
logo
Samsung semiconductor
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com