Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61QDB21M18A Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61QDB21M18A
Description  512Kx36 and 1Mx18 configuration available
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDB21M18A Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61QDB21M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61QDB21M18A Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
IS61QDB21M18A
IS61QDB251236A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/02/2014
11
Timing Reference Diagram for Truth Table
The Timing Reference Diagram for Truth Table is helpful in understanding the Clock and Write Truth Tables, as it
shows the cycle relationship between clocks, address, data in, data out, and control signals. Read command is issued
at the beginning of cycle “t”. Write command is issued at the beginning of cycle “t+1”.
DB
DB+1
DD
DD+1
QA
QA+1
QC
QC+1
t + 1
t
t + 2
t + 3
t + 4
t + 5
A
C
Cycle
K Clock
K# Clock
R#
W#
BWx#
Address
Data-In
Data-Out
C Clock
C# Clock
CQ Clock
CQ# Clock
B
D
Clock Truth Table
(Use the following table with the
.)
Mode
Clock
Controls
Data In
Data Out
K
R#
W#
DB
DB+1
QA
QA+1
Stop Clock
Stop
X
X
Previous State
Previous State
Previous State
Previous State
No Operation (NOP)
L → H
H
H
X
X
High-Z
High-Z
Read A
L → H
L
X
X
X
DOUT at C# (t+1.5)
DOUT at C (t+2.0)
Write B
L → H
X
L
DIN at K (t)
DIN at K# (t+0.5)
X
X
Notes:
1.
Internal burst counter is always fixed as two-bit.
2.
X = “don’t care”; H = logic “1”; L = logic “0”.
3.
A read operation is started when control signal R# is active low
4.
A write operation is started when control signal W# is active low.


Similar Part No. - IS61QDB21M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB21M36-250M3 ISSI-IS61QDB21M36-250M3 Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB21M36-250M3L ISSI-IS61QDB21M36-250M3L Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB21M36A ISSI-IS61QDB21M36A Datasheet
836Kb / 29P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDB21M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB21M18A ISSI-IS61QDPB21M18A Datasheet
789Kb / 31P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B21M18A ISSI-IS61QDP2B21M18A Datasheet
801Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDPB41M18A ISSI-IS61QDPB41M18A Datasheet
865Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDB41M18A ISSI-IS61QDB41M18A Datasheet
797Kb / 30P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A ISSI-IS61QDP2B41M18A Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
logo
Samsung semiconductor
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com