Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1624RB02A1000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1624RB02A1000
Description  24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1624RB02A1000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1624RB02A1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1624RB02A1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1624RB02A1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1624RB02A1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
1624R Multi-Conductor - Category 5 Nonbonded-Pair ScTP Cable


Similar Part No. - 1624RB02A1000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1624 SCHURTER-1624 Datasheet
395Kb / 3P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
1624 SCHURTER-1624 Datasheet
338Kb / 4P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick Connect Terminal
05.01.2022
1624 SCHURTER-1624 Datasheet
346Kb / 2P
   US Power Cord with IEC Appliance Connector C19, V-Lock, straight
1624 SCHURTER-1624 Datasheet
366Kb / 2P
   EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
1624 SCHURTER-1624 Datasheet
364Kb / 2P
   IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
More results

Similar Description - 1624RB02A1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
1344423 ETC2-1344423 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1592A ETC2-1592A Datasheet
109Kb / 4P
   24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7989R ETC2-7989R Datasheet
90Kb / 3P
   Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
1533P ETC2-1533P Datasheet
108Kb / 4P
   24 AWG solid bare copper conductors, plenum, FEP Teflon insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com