Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NVP409618B Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61NVP409618B
Description  100 percent bus utilization
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP409618B Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61NVP409618B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVP409618B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. A
8/4/2014
IS61NLP204836B/IS61NVP/NVVP204836B
IS61NLP409618B/IS61NVP/NVVP409618B
Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause
failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written
assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
FEATURES
• 100 percent bus utilization
• No wait cycles between Read and Write
• Internal self-timed write cycle
• Individual Byte Write Control
• Single R/W (Read/Write) control pin
• Clock controlled, registered address,
data and control
• Interleaved or linear burst sequence control us-
ing MODE input
• Three chip enables for simple depth expansion
and address pipelining
• Power Down mode
• Common data inputs and data outputs
• CKE pin to enable clock and suspend operation
• JEDEC 100-pin TQFP, 165-ball PBGA and 119-
ball PBGA packages
• Power supply:
NLP: Vdd 3.3V (± 5%), Vddq 3.3V/2.5V (± 5%)
NVP: Vdd 2.5V (± 5%), Vddq 2.5V (± 5%)
NVVP: Vdd 1.8V (± 5%), Vddq 1.8V (± 5%)
• JTAG Boundary Scan for PBGA packages
• Industrial temperature available
• Lead-free available
DESCRIPTION
The72Megproductfamilyfeatureshigh-speed,low-power
synchronous static RAMs designed to provide a burstable,
high-performance, 'no wait' state, device for networking
and communications applications. They are organized as
2,096,952 words by 36 bits and 4,193,904 words by 18
bits, fabricated with
ISSI's advanced CMOS technology.
Incorporating a 'no wait' state feature, wait cycles are
eliminated when the bus switches from read to write, or
write to read. This device integrates a 2-bit burst counter,
high-speed SRAM core, and high-drive capability outputs
into a single monolithic circuit.
Allsynchronousinputspassthroughregistersarecontrolled
by a positive-edge-triggered single clock input. Operations
may be suspended and all synchronous inputs ignored
when Clock Enable, CKE is HIGH. In this state the internal
device will hold their previous values.
AllRead,WriteandDeselectcyclesareinitiatedbytheADV
input. When the ADV is HIGH the internal burst counter
is incremented. New external addresses can be loaded
when ADV is LOW.
Write cycles are internally self-timed and are initiated
by the rising edge of the clock inputs and when WE is
LOW. Separate byte enables allow individual bytes to be
written.
A burst mode pin (MODE) defines the order of the burst
sequence.WhentiedHIGH,theinterleavedburstsequence
is selected. When tied LOW, the linear burst sequence is
selected.
2M x 36 and 4M x 18
72Mb, PIPELINE 'NO WAIT' STATE BUS SRAM
AUGUST 2014
Symbol
Parameter
250
200
166
Units
tkq
Clock Access Time
2.8
3.1
3.8
ns
tkc
Cycle Time
4
5
6
ns
Frequency
250
200
166
MHz
FAST ACCESS TIME


Similar Part No. - IS61NVP409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP102418 ISSI-IS61NVP102418 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP102418-200B3 ISSI-IS61NVP102418-200B3 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP102418-200B3I ISSI-IS61NVP102418-200B3I Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP102418-200TQ ISSI-IS61NVP102418-200TQ Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVP102418-200TQI ISSI-IS61NVP102418-200TQI Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results

Similar Description - IS61NVP409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLF204836B ISSI-IS61NLF204836B Datasheet
1Mb / 38P
   100 percent bus utilization
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
Integrated Silicon Solu...
IS25LD512 ISSI-IS25LD512 Datasheet
600Kb / 43P
   Flash Memory With 100 MHz Dual-Output SPI Bus
logo
Elpida Memory
HB52E648EN-A6B ELPIDA-HB52E648EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com