Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

830000101000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 830000101000
Description  Stranded silver-coated copper conductor insulation with extruded TFE Teflon
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

830000101000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  830000101000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 830000101000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
Description:
Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
30
7x38
SPC - Silver Plated Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
TFE - Tetrafluoroethylene 0.254
Overall Insulation
Overall Cabling
Overall Nominal Diameter:
0.813 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL AWM Style:
1213
UL Rating:
105°C
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Military Specification:
MIL-W-16878/4
MIL Spec Rating:
600 V, 200°C
Flame Test
UL Flame Test:
VW-1
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
83000 001100
30 MT
0.045 KG
BROWN
E
#30 STR TFE BRN
Page 1 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
83000 Hook-up/Lead - UL AWM Style 1213


Similar Part No. - 830000101000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
83000000005 LITTELFUSE-83000000005 Datasheet
868Kb / 2P
   830/831/834 Series Circuit Board Mount Enclosed Fuse Holders
Revised: 02/13/18
More results

Similar Description - 830000101000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345870 ETC2-1345870 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1682729 ETC2-1682729 Datasheet
98Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748282 ETC2-1748282 Datasheet
100Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1344547 ETC2-1344547 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344848 ETC2-1344848 Datasheet
96Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1748283 ETC2-1748283 Datasheet
99Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1345973 ETC2-1345973 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344178 ETC2-1344178 Datasheet
97Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344187 ETC2-1344187 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344188 ETC2-1344188 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon.
1344177 ETC2-1344177 Datasheet
96Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com