Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8219010U500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8219010U500
Description  RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8219010U500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8219010U500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8219010U500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8219010U500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
PMSHA Specification:
SC-182/5
RG Type:
58A/U
Flame Test
UL Flame Test:
UL1685 UL Loading
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes - Black jacket only
Suitability - Aerial:
Yes - Black jacket only - when supported by a messenger wire
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
54
Nom. Inductance:
Inductance (µH/ft)
0.065
Nom. Capacitance Conductor to Shield:
Capacitance (pF/ft)
26.5
Nominal Velocity of Propagation:
VP (%)
73
Nominal Delay:
Delay (ns/ft)
1.39
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
8.8
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
4.1
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
1
0.4
10
1.3
50
3.1
100
4.5
200
6.6
400
10.0
700
14.2
900
16.6
1000
18.1
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 1354)
300 V RMS (CM)
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8219 Coax - RG-58A/U Type


Similar Part No. - 8219010U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8219010U500 ETC2-8219010U500 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
8219010U500 ETC2-8219010U500 Datasheet
101Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
More results

Similar Description - 8219010U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1682720 ETC2-1682720 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1748276 ETC2-1748276 Datasheet
101Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
28446 ETC2-28446 Datasheet
32Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
9222 ETC2-9222 Datasheet
33Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
1682728 ETC2-1682728 Datasheet
103Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
1346742 ETC2-1346742 Datasheet
101Kb / 3P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam FEP insulation
28379 ETC2-28379 Datasheet
34Kb / 4P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
8259 ETC2-8259 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1346975 ETC2-1346975 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com