Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NVF409618B Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61NVF409618B
Description  100 percent bus utilization
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVF409618B Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61NVF409618B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NVF409618B Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00C
02/20/2013
IS61NLF204836B/IS61NVF/NVVF204836B
IS61NLF409618B/IS61NVF/NVVF409618B
165-PIN PBGA PACKAGE CONFIGURATION
4M x 18 (TOP VIEW)
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
PIN DESCRIPTIONS
Symbol
Pin Name
A
Synchronous Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address Advance/
Load
WE
Synchronous Read/Write Control Input
CLK
Synchronous Clock
CKE
Synchronous Clock Enable
CE
, CE2, CE2 Synchronous Chip Enable
BWa
-BWb
Synchronous Byte Write Inputs
OE
Asynchronous Output Enable
ZZ
Asynchronous Power Sleep
Mode
MODE
Burst Sequence Selection
TCK, TDI
JTAG Pins
TDO, TMS
VDD
Power Supply
NC
No Connect
DQa-DQb
Synchronous Data Inputs/Outputs
DQPa-DQPb
Synchronous Parity Data
Inputs/Outputs
VDDQ
I/O Power Supply
Vss
Ground
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
CE
BW
b
NC
CE
2
CKE
ADV
A
A
A
B
NC
A
CE2
NC
BW
a
CLK
WE
OE
A
A
NC
C
NC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
DQPa
D
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
E
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
F
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
G
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
H
NC
NC
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
J
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
K
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
L
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
M
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
N
DQPb
NC
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
NC
P
NC
A
A
A
TDI
A1*
TDO
A
A
A
NC
R
MODE
A
A
A
TMS
A0*
TCK
A
A
A
A


Similar Part No. - IS61NVF409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVF102418 ISSI-IS61NVF102418 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NVF102418-6.5B3 ISSI-IS61NVF102418-6.5B3 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NVF102418-6.5B3I ISSI-IS61NVF102418-6.5B3I Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NVF102418-6.5TQ ISSI-IS61NVF102418-6.5TQ Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NVF102418-6.5TQI ISSI-IS61NVF102418-6.5TQI Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results

Similar Description - IS61NVF409618B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP204836B ISSI-IS61NLP204836B Datasheet
1Mb / 39P
   100 percent bus utilization
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
Integrated Silicon Solu...
IS25LD512 ISSI-IS25LD512 Datasheet
600Kb / 43P
   Flash Memory With 100 MHz Dual-Output SPI Bus
logo
Elpida Memory
HB52E648EN-A6B ELPIDA-HB52E648EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
logo
SMSC Corporation
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
LPC47N267 SMSC-LPC47N267 Datasheet
1Mb / 180P
   100 Pin LPC Notebook I/O with X-Bus Interface
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com