Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1420A0601000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1420A0601000
Description  24 AWG stranded (7x32) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1420A0601000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1420A0601000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1420A0601000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1420A0601000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
24 AWG stranded (7x32) TC conductors, Datalene® insulation, twisted pairs, overall Beldfoil shield (100%
coverage), 24 AWG stranded TC drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
3
24
7x32
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Datalene®
FPE - Foam Polyethylene
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
7x32
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
6.629 mm
Pair
Pair Color Code Chart:
Number Color
1
White/Blue & Blue/White
2
White/Orange & Orange/White
3
White/Green & Green/White
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +80°C
Non-UL Temperature Rating:
80°C (UL AWM Style 2919)
Bulk Cable Weight:
43.158 Kg/Km
Max. Recommended Pulling Tension:
146.791 N
Min. Bend Radius (Install)/Minor Axis:
69.850 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1420A Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422


Similar Part No. - 1420A0601000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1420 BOURNS-1420 Datasheet
297Kb / 2P
   DC Power SPD for Photovoltaic Applications
logo
Hammond Manufacturing L...
1420 HAMMOND-1420 Datasheet
148Kb / 3P
   Armoire murale en acier doux de type 1
logo
List of Unclassifed Man...
1420-1 ETC2-1420-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Vishay Siliconix
1420-1-502XXXX VISHAY-1420-1-502XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
logo
List of Unclassifed Man...
1420-2 ETC2-1420-2 Datasheet
493Kb / 1P
   Space saving design for high density packaging
More results

Similar Description - 1420A0601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347871 ETC2-1347871 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1346359 ETC2-1346359 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com