Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG-58U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RG-58U
Description  50 Ohm Transmission and Computer Cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG-58U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RG-58U Datasheet HTML 1Page - List of Unclassifed Manufacturers RG-58U Datasheet HTML 2Page - List of Unclassifed Manufacturers RG-58U Datasheet HTML 3Page - List of Unclassifed Manufacturers RG-58U Datasheet HTML 4Page - List of Unclassifed Manufacturers RG-58U Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
COAXIAL
CABLES
6.71
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
50 Ohm Transmission Cable
Electrical Characteristics of 9913, 9913F7 and 9914
Frequency (MHz)
Attenuation
100.0
10.0
1.0
.1
1
10
100
1000
10000
9913F7,
9914
9913
Frequency (MHz)
Power Rating
10000
1000
100
10
1
10
100
1000
10000
9913F7,
9914
9913


Similar Part No. - RG-58U

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RG-55 HIROSE-RG-55 Datasheet
628Kb / 8P
   RFCO-AXIAL CONNECTORS
More results

Similar Description - RG-58U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9182NH ETC2-9182NH Datasheet
52Kb / 2P
   Twinaxial instrumentation and computer cable for data transmission applications
9842NH ETC2-9842NH Datasheet
55Kb / 3P
   Instrumentation and computer cable for EIA RS-485 data transmission applications
9841NH ETC2-9841NH Datasheet
54Kb / 2P
   Instrumentation and computer cable for EIA RS-485 data transmission applications.
logo
Belden Inc.
8216 BELDEN-8216 Datasheet
229Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8
logo
List of Unclassifed Man...
PP001163 ETC2-PP001163 Datasheet
165Kb / 1P
   Control and Computer Cable
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
   50 Ohm Wireless Transmission Coax, RF 400, RG8
logo
Pomona Electronics
6253 POMONA-6253 Datasheet
37Kb / 1P
   50 Ohm Cable Assembly With 50 Ohm Cable Assembly With
logo
List of Unclassifed Man...
3C142B ETC2-3C142B Datasheet
112Kb / 1P
   50 OHM COAXIAL CABLE
311601 ETC2-311601 Datasheet
118Kb / 1P
   50 OHM COAXIAL CABLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com