Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDPB24M18B2 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61DDPB24M18B2
Description  Fixed 2-bit burst for read and write operations
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDPB24M18B2 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61DDPB24M18B2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDPB24M18B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
IS61DDPB24M18B/B1/B2
IS61DDPB22M36B/B1/B2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
09/11/2014
2
Package ballout and description
x36 FBGA Ball Configuration (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
NC/SA
1
SA
R/W#
BW2#
K#
BW1#
LD#
SA
SA
CQ
B
NC
DQ27
DQ18
SA
BW3#
K
BW0#
SA
NC
NC
DQ8
C
NC
NC
DQ28
VSS
SA
NC
SA
VSS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
E
NC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
VSS
SA
SA
SA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
QVLD
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
Notes:
1.
The following balls are reserved for higher densities: 2A for 144Mb.
x18 FBGA Ball Configuration (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
SA
SA
R/W#
BW1#
K#
NC/SA
1
LD#
SA
SA
CQ
B
NC
DQ9
NC
SA
NC/SA
1
K
BW0#
SA
NC
NC
DQ8
C
NC
NC
NC
VSS
SA
NC
SA
VSS
NC
DQ7
NC
D
NC
NC
DQ10
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
DQ11
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ6
F
NC
DQ12
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
NC
DQ13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ4
NC
K
NC
NC
DQ14
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ3
L
NC
DQ15
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
DQ1
NC
N
NC
NC
DQ16
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
DQ17
SA
SA
QVLD
SA
SA
NC
NC
DQ0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
Notes:
1.
The following balls are reserved for higher densities: 7A for 144Mb, and 5B for 288Mb.


Similar Part No. - IS61DDPB24M18B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB24M18-375M3 ISSI-IS61DDPB24M18-375M3 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDPB24M18-375M3L ISSI-IS61DDPB24M18-375M3L Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDPB24M18-400M3 ISSI-IS61DDPB24M18-400M3 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDPB24M18-400M3L ISSI-IS61DDPB24M18-400M3L Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDPB24M18A ISSI-IS61DDPB24M18A Datasheet
527Kb / 31P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
More results

Similar Description - IS61DDPB24M18B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDSB22M18A ISSI-IS61DDSB22M18A Datasheet
940Kb / 29P
   Fixed 2-bit burst for read and write operations
IS61QDPB24M18A ISSI-IS61QDPB24M18A Datasheet
797Kb / 31P
   Fixed 2-bit burst for read and write operations
IS61DDB21M18A ISSI-IS61DDB21M18A Datasheet
770Kb / 29P
   Fixed 2-bit burst for read and write operations
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
logo
Alliance Semiconductor ...
AS4C32M16MS-7BCN ALSC-AS4C32M16MS-7BCN Datasheet
3Mb / 48P
   Multiple Burst Read with Single Write Operation
logo
List of Unclassifed Man...
DM5489 ETC1-DM5489 Datasheet
158Kb / 3P
   64-BIT READ/WRITE MEMORIES
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
ATMEL Corporation
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
575Kb / 39P
   Read-modify-write Instructions and Atomic Bit Manipulation
logo
Pepperl+Fuchs Inc.
U-P3-RX PF-U-P3-RX Datasheet
361Kb / 3P
   Base for read/write station
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com