Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDP2B24M18A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61DDP2B24M18A
Description  Common I/O read and write ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDP2B24M18A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61DDP2B24M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDP2B24M18A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
IS61DDP2B24M18A/A1/A2
IS61DDP2B22M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
09/20/2014
6
ODT (On Die Termination)
On Die Termination (ODT) is a feature that allows a SRAM to turn on/off termination resistance for ODT pins. The ODT
feature is designed to improve signal integrity of the memory channel by allowing the SRAM controller to turn on/off
termination resistance independently for any or all SRAM devices.
ODT can have three status, High, Low, and Floating. Each status can have different ODT termination values which
tracks the value of RQ (See the picture below)
In DDR-IIP devices having common I/O bus, ODT is automatically
enabled at the write operation of SRAM and disabled at the read operation of SRAM.
Fig1. Functional representation of ODT
Notes
1. Allowable range of RQ to guarantee impedance matching a tolerance of ±20% is 175
Ω<RQ<350Ω.
2. Allowable range of RQ to guarantee impedance matching a tolerance of ±20% is 175
Ω<RQ<250Ω.
3. ODT control pin is connected to VDDQ through 3.5k
Ω. Therefore it is recommended to connect it to VSS
through less than 100
Ω to make it low.
4. ODT control pin is connected to VSS through 3.5k
Ω. Therefore it is recommended to connect it to VDDQ
through less than 100
Ω to make it high.
R1
R2
R3
Option1
3
0.3x
RQ
1
0.6x
RQ
2
0.6x
RQ
2
Option2
4
ODT
disable
0.6x
RQ
2
ODT
disable
PAD
ODT=L
ODT=L
ODT=H
ODT=H
ODT=Floating
ODT=Floating
VDDQ
VSS
VDDQ
VSS
VDDQ
VSS
R1x2
R1x2
R2x2
R2x2
R3x2
R3x2


Similar Part No. - IS61DDP2B24M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDP2B21M18A ISSI-IS61DDP2B21M18A Datasheet
534Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B21M18A/A1/A2 ISSI-IS61DDP2B21M18A/A1/A2 Datasheet
534Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B21M36A/A1/A2 ISSI-IS61DDP2B21M36A/A1/A2 Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B22M18A ISSI-IS61DDP2B22M18A Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B22M18A/A1/A2 ISSI-IS61DDP2B22M18A/A1/A2 Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
More results

Similar Description - IS61DDP2B24M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB24M18A ISSI-IS61DDB24M18A Datasheet
770Kb / 29P
   Common I/O read and write ports
IS61DDPB42M18B ISSI-IS61DDPB42M18B Datasheet
931Kb / 32P
   Common I/O read and write ports
IS61DDPB44M18B ISSI-IS61DDPB44M18B Datasheet
934Kb / 32P
   Common I/O read and write ports
logo
Megawin Technology Co.,...
MG84FL54BD MEGAWIN-MG84FL54BD Datasheet
825Kb / 113P
   Four and half configurable I/O ports
logo
GSI Technology
GS8342D07BGD-300 GSI-GS8342D07BGD-300 Datasheet
506Kb / 29P
   Simultaneous Read and Write SigmaQuad Interface
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com