Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA411-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # PGA411-Q1
Description  Resolver Sensor Interface
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA411-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PGA411-Q1 Datasheet HTML 3Page - Texas Instruments PGA411-Q1 Datasheet HTML 4Page - Texas Instruments PGA411-Q1 Datasheet HTML 5Page - Texas Instruments PGA411-Q1 Datasheet HTML 6Page - Texas Instruments PGA411-Q1 Datasheet HTML 7Page - Texas Instruments PGA411-Q1 Datasheet HTML 8Page - Texas Instruments PGA411-Q1 Datasheet HTML 9Page - Texas Instruments PGA411-Q1 Datasheet HTML 10Page - Texas Instruments PGA411-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
7
PGA411-Q1
www.ti.com
SLASE76D – NOVEMBER 2015 – REVISED APRIL 2016
Product Folder Links: PGA411-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Exciter Output, Amplifier, and Power Supply Characteristics (continued)
VCC = 4.75 to 5.25 V, TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VEXCO
Exciter-amplifier differential
output voltage
4-VRMS mode; EXTOUT_GL = 0x00
7.12
8.38
VPP
4-VRMS mode; EXTOUT_GL = 0x01
7.44
8.75
4-VRMS mode; EXTOUT_GL = 0x02
7.74
9.11
4-VRMS mode; EXTOUT_GL = 0x03
8.05
9.47
4-VRMS mode; EXTOUT_GL = 0x04
8.36
9.84
4-VRMS mode; EXTOUT_GL = 0x05
8.67
10.2
4-VRMS mode; EXTOUT_GL = 0x06
8.98
10.57
4-VRMS mode; EXTOUT_GL = 0x07
9.29
10.93
4-VRMS mode; EXTOUT_GL = 0x08
9.61
11.3
4-VRMS mode; EXTOUT_GL = 0x09
9.91
11.66
4-VRMS mode; EXTOUT_GL = 0x0A
10.23
12.03
4-VRMS mode; EXTOUT_GL = 0x0B
10.53
12.39
4-VRMS mode; EXTOUT_GL = 0x0C
10.84
12.75
4-VRMS mode; EXTOUT_GL = 0x0D
11.15
13.12
4-VRMS mode; EXTOUT_GL = 0x0E
11.46
13.48
4-VRMS mode; EXTOUT_GL = 0x0F
11.77
13.85
7-VRMS mode; EXTOUT_GL = 0x00
12.49
14.69
7-VRMS mode; EXTOUT_GL = 0x01
13.03
15.33
7-VRMS mode; EXTOUT_GL = 0x02
13.57
15.97
7-VRMS mode; EXTOUT_GL = 0x03
14.12
16.61
7-VRMS mode; EXTOUT_GL = 0x04
14.65
17.24
7-VRMS mode; EXTOUT_GL = 0x05
15.20
17.88
7-VRMS mode; EXTOUT_GL = 0x06
15.74
18.52
7-VRMS mode; EXTOUT_GL = 0x07
16.29
19.16
7-VRMS mode; EXTOUT_GL = 0x08
16.83
19.8
7-VRMS mode; EXTOUT_GL = 0x09
17.37
20.44
7-VRMS mode; EXTOUT_GL = 0x0A
17.92
21.08
7-VRMS mode; EXTOUT_GL = 0x0B
18.46
21.72
7-VRMS mode; EXTOUT_GL = 0x0C
19
22.35
7-VRMS mode; EXTOUT_GL = 0x0D
19.54
22.99
7-VRMS mode; EXTOUT_GL = 0x0E
20.09
23.63
7-VRMS mode; EXTOUT_GL = 0x0F
20.63
24.27
VREXC
Exciter-amplifier reference
voltage
SPI programmable using EXTOUT bits
0.5
2
V
IQEXC
Exciter-amplifier quiescent
current
1
15
mA
IEXCO
Exciter amplifier output
current range
(OE1-OE2) = 20 VPP
145
mA
IEXCREV
Exciter amplifier output
reverse current
Reverse current to VEXT, OE1 or OE2 shorted to battery
(battery must be greater than 180% of VEXT)
15
mA
6.6 Analog Front-End Characteristics
Over operating free-air temperature range, VIN = 4.5 to 5.25 V, TA = –40°C to +125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXCITER SIGNAL MONITOR (IE1, IE2)
VIECM
Input voltage range
0.5
4.5
V
fIEIN
Input frequency range
8
24
kHz
REIN
Input resistance
30
40
50
k
Ω
SIN AND COS INPUT GAIN AMPLIFIER (IZ1, IZ3), (IZ2, IZ4), (OSIN, OCOS)
SGAIN(CGAIN)
SIN and COS Amplifier Gain
COMAFE = 2.5 V; GAINCOS = GAINSIN = 0x00
0.735
0.75
0.765
V/V
COMAFE = 2.5 V; GAINCOS = GAINSIN = 0x01
0.98
1
1.02
COMAFE = 2.5 V; GAINCOS = GAINSIN = 0x02
2.205
2.25
2.295
COMAFE = 2.5 V; GAINCOS = GAINSIN = 0x03
3.43
3.5
3.57
VIZx
Differential IZx input voltage
range (pk-pk)
SGAIN = 0.75; CGAIN = 0.75 COMAFE=2.5 V
3
V
IIZx
IZx input current range
At VIZX = 1 V and 4 V
–150
150
µA


Similar Part No. - PGA411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
PGA400-Q1 TI1-PGA400-Q1 Datasheet
4Mb / 119P
[Old version datasheet]   PGA400-Q1 Pressure-Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1_16 Datasheet
4Mb / 119P
[Old version datasheet]   PGA400-Q1 Pressure-Sensor Signal Conditioner
PGA400QRHHRQ1 TI1-PGA400QRHHRQ1 Datasheet
4Mb / 119P
[Old version datasheet]   PGA400-Q1 Pressure-Sensor Signal Conditioner
More results

Similar Description - PGA411-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S75 AD-AD2S75 Datasheet
493Kb / 8P
   UNIVERSAL SYNCHRO RESOLVER TRANSFORMER ISOLATED INTERFACE
REV. A
AD2S75 AD-AD2S75_15 Datasheet
937Kb / 8P
   UNIVERSAL SYNCHRO RESOLVER TRANSFORMER ISOLATED INTERFACE
REV. A
logo
Melexis Microelectronic...
MLX90380 MELEXIS-MLX90380 Datasheet
1Mb / 28P
   Triaxis짰 Resolver
logo
TE Connectivity Ltd
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
   HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
   HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
   HOLLOW SHAFT RESOLVER
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
   HOLLOW SHAFT RESOLVER
CAT-ATS0023 TEC-CAT-ATS0023 Datasheet
101Kb / 1P
   SINGLE COIL RESOLVER (SCR)
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com