Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5053VAQLPGQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5053VAQLPGQ1
Description  Automotive Analog-Bipolar Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5053VAQLPGQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DRV5053VAQLPGQ1 Datasheet HTML 1Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 2Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 3Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 4Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 5Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 6Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 7Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 8Page - Texas Instruments DRV5053VAQLPGQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
B (mT)
VOUT (V)
BMAX (S)
BMIN (N)
VMAX
VMIN
VQ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV5053-Q1
SLIS154A – DECEMBER 2014 – REVISED DECEMBER 2015
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
1 Features
2 Applications
1
Linear Output Hall Sensor
Flow Meters
AEC-Q100 Qualified for Automotive Applications
Docking Adjustment
Vibration Correction
Grade 1: TA = –40 to 125°C (Q, See
Figure 17)
Damper Controls
Grade 0: TA = –40 to 150°C (E, See Figure 17)
3 Description
Superior Temperature Stability
The DRV5053-Q1 device is a chopper-stabilized Hall
Sensitivity ±10% Over Temperature
IC that offers a magnetic sensing solution with
High Sensitivity Options:
superior sensitivity stability over temperature and
–11 mV/mT (OA, See Figure 17)
integrated protection features.
–23 mV/mT (PA)
The 0- to 2-V analog output responds linearly to the
applied magnetic flux density, and distinguishes the
–45 mV/mT (RA)
polarity of magnetic field direction. A wide operating
–90 mV/mT (VA)
voltage range from 2.7 to 38 V with reverse polarity
+23 mV/mT (CA)
protection up to –22 V makes the device suitable for
+45 mV/mT (EA)
a
wide
range
of
automotive
and
consumer
applications.
Supports a Wide Voltage Range
Internal protection functions are provided for reverse
2.7 to 38 V
supply conditions, load dump, and output short circuit
No External Regulator Required
or overcurrent.
Amplified Output Stage
2.3-mA Sink, 300 µA Source
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Output Voltage: 0.2 ~ 1.8 V
SOT-23 (3)
2.92 mm × 1.30 mm
B = 0 mT, OUT = 1 V
DRV5053-Q1
TO-92 (3)
4.00 mm × 3.15 mm
Fast Power-On: 35 µs
(1) For all available packages, see the orderable addendum at
Small Package and Footprint
the end of the data sheet.
Surface Mount 3-Pin SOT-23 (DBZ)
2.92 mm × 2.37 mm
Through-Hole 3-Pin TO-92 (LPG)
4.00 mm × 3.15 mm
Protection Features
Reverse Supply Protection (up to –22 V)
Supports up to 40-V Load Dump
Output Short-Circuit Protection
Output Current Limitation
OUT Short to Battery Protection
SOT-23
TO-92
Output State
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV5053VAQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053VAQLPG TI1-DRV5053VAQLPG Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053VAQLPGM TI1-DRV5053VAQLPGM Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053VAQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com