Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDB22M36A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61DDB22M36A
Description  Common I/O read and write ports
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB22M36A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61DDB22M36A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDB22M36A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
IS61DDB24M18A
IS61DDB22M36A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
08/15/2014
6
Power-Up and Power-Down Sequences
The recommendation of voltage apply sequence is : VDD → VDDQ
1)→V
REF
2)→ V
IN
Notes:
VDDQ can be applied concurrently with VDD.
VREF can be applied concurrently with VDDQ.
After power and clock signals are stabilized, device can be ready for normal operation after tKC-Lock cycles. In tKC-
lock cycle period, device initializes internal logics and locks DLL. Depending on /Doff status, locking DLL will be
skipped. The following timing pictures are possible examples of power up sequence.
Sequence1. /Doff is fixed low
After tKC-lock cycle of stable clock, device is ready for normal operation.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Sequence2. /Doff is controlled and goes high after clock being stable.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
VDD
VDDQ
VREF
VIN
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
>tKC-lock for device initialization
>tKC-lock for device initialization


Similar Part No. - IS61DDB22M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M36-250M3 ISSI-IS61DDB22M36-250M3 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M36-250M3L ISSI-IS61DDB22M36-250M3L Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M36-300M3 ISSI-IS61DDB22M36-300M3 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M36-300M3L ISSI-IS61DDB22M36-300M3L Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
More results

Similar Description - IS61DDB22M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDP2B24M18A ISSI-IS61DDP2B24M18A Datasheet
889Kb / 31P
   Common I/O read and write ports
IS61DDPB42M18B ISSI-IS61DDPB42M18B Datasheet
931Kb / 32P
   Common I/O read and write ports
IS61DDPB44M18B ISSI-IS61DDPB44M18B Datasheet
934Kb / 32P
   Common I/O read and write ports
logo
Megawin Technology Co.,...
MG84FL54BD MEGAWIN-MG84FL54BD Datasheet
825Kb / 113P
   Four and half configurable I/O ports
logo
GSI Technology
GS8342D07BGD-300 GSI-GS8342D07BGD-300 Datasheet
506Kb / 29P
   Simultaneous Read and Write SigmaQuad Interface
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com