Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5053PAQDBZTQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5053PAQDBZTQ1
Description  Automotive Analog-Bipolar Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5053PAQDBZTQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV5053PAQDBZTQ1 Datasheet HTML 3Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 4Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 5Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 6Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 7Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 8Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 9Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 10Page - Texas Instruments DRV5053PAQDBZTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Supply Voltage (V)
0
10
20
30
40
0.995
1
1.005
1.01
1.015
1.02
1.025
1.03
1.035
1.04
D003
TA
±
ƒ&
TA = 25°C
TA = 85°C
TA = 125°C
TA = 150°C
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
D004
Supply Voltage (V)
0
10
20
30
40
-100
-80
-60
-40
-20
0
20
40
60
D001
DRV5053RA
DRV5053EA
DRV5053CA
DRV5053VA
DRV5053PA
DRV5053OA
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
-120
-100
-80
-60
-40
-20
0
20
40
60
D002
DRV5053RA
DRV5053EA
DRV5053CA
DRV5053VA
DRV5053PA
DRV5053OA
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
D009
TA
±
ƒ&
TA = 25°C
TA = 75°C
TA = 125°C
TA = 150°C
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
2
2.5
3
3.5
D010
VCC = 3.3 V
VCC = 13.2 V
VCC = 38 V
DRV5053-Q1
www.ti.com
SLIS154A – DECEMBER 2014 – REVISED DECEMBER 2015
6.8 Typical Characteristics
TA > 125°C data is valid for Grade 0 devices only (E, see Figure 17)
Figure 1. ICC vs VCC
Figure 2. ICC vs Temperature
TA = 25°C
VCC = 3.3 V
Figure 3. Sensitivity vs VCC
Figure 4. Sensitivity vs Temperature
TA = 25°C
VCC = 3.3 V
Figure 5. VQ vs VCC
Figure 6. BN vs Temperature
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV5053-Q1


Similar Part No. - DRV5053PAQDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053PAQDBZT TI1-DRV5053PAQDBZT Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053PAQDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com