Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFP0700-G1DMB Datasheet(PDF) 2 Page - SICK AG

Part # LFP0700-G1DMB
Description  LEVEL SENSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LFP0700-G1DMB Datasheet(HTML) 2 Page - SICK AG

  LFP0700-G1DMB Datasheet HTML 1Page - SICK AG LFP0700-G1DMB Datasheet HTML 2Page - SICK AG LFP0700-G1DMB Datasheet HTML 3Page - SICK AG LFP0700-G1DMB Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFP0700-G1DMB | LFP Inox
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
LFP0700-G1DMB
1071126
Other models and accessories
www.sick.com/LFP_Inox
Detailed technical data
Features
Medium
Fluids
Measurement
Switch, Continuous
Design
Remote amplifier, length of cable 3.3 m
Probe length
700 mm
Process pressure
–1 bar ... 16 bar
Process temperature
–20 °C ... +180 °C
GOST approval
UL approval
RoHS certificate
IO-Link
EHEDG approval
Performance
Accuracy of sensor element
± 5 mm
Repeatability
≤ 2 mm
Resolution
< 2 mm
Response time
< 400 ms 1)
Dielectricity constant
≥ 5 for mono probe
≥ 1.8 with coaxial tube
Conductivity
No limitation
Deactivated area at end of probe
10 mm 2)
MTTF
194.3 years (EN ISO 13849-1)
1) Dependent on measuring mode (high speed < 400 ms, high accuracy < 2,800 ms).
2) With water under reference conditions.
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-14 19:16:26
Subject to change without notice


Similar Part No. - LFP0700-G1DMB

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFP0700-G1NMB SICK-LFP0700-G1NMB Datasheet
264Kb / 4P
   LEVEL SENSORS
More results

Similar Description - LFP0700-G1DMB

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com