Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS49FL004T-33VCE Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS49FL004T-33VCE
Description  4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS49FL004T-33VCE Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS49FL004T-33VCE Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS49FL004T-33VCE Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
IS49FL004T
Integrated Silicon Solution, Inc.- www.issi.com
4
Rev. A1
9/19/2013
PIN DESCRIPTIONS
S Y M B O L
T Y P E
In te rfa c e
D E S C R IP T IO N
P P
F W H
L P C
A [1 0 :0 ]
I
X
A dd re s s Inp uts : F o r i np uti ng the m ultip le x a d d re s s e s a nd c o m m a nd s in
P P m o d e . R o w a nd c o lum n a d d re s s e s a re la tc he d d uri ng a re a d o r
w ri te c yc le c o ntro lle d b y R /C # p in.
R /C #
I
X
R o w /C o lum n S e le c t: To i nd i c a te the ro w o r c o lum n a d d re s s in P P
m od e . W he n thi s p in go e s lo w, the ro w a d d re s s is la tc he d . W he n thi s
p in go e s hi g h, the c o lum n ad d re s s i s la tc hed .
I/O [7 :0 ]
I/O
X
D a ta Inp uts /O utp uts : U s e d fo r A /A M ux m o d e o nly, to inp ut
c o m m a nd /d a ta d uri ng w ri te o p e ra tio n a nd to o utp ut d a ta d uri ng re a d
o p e ra ti o n. The da ta p i ns flo a t to tri-s ta te w he n O E # is d i s a b le d .
W E #
I
X
W ri te E na b le : A c tiva te the d e vi c e fo r w rite op e ra tio n. W E # i s a c ti ve lo w.
O E #
I
X
O utp ut E na b le : C o ntro l the d e vi c e 's o utp ut b uffe rs d uring a re a d c yc le .
O E # i s a c tive lo w.
IC
I
X
X
X
Inte rfa c e C o nfig ura tio n S e le c t: Thi s p in d e te rm i ne s w hi c h m o d e i s
s e le c te d . W he n p ulls hig h, the d e vic e e nte rs into A /A M ux m o d e . W he n
p ulls lo w, F W H /L P C m od e is s e le c te d . This p in m us t b e s e tup d uring
p o w e r-up o r s ys te m re s e t, a nd s ta ys no c ha ng e d uring op e ra tio n. This
p in is inte rna lly p ulle d d o w n w i th a re s i s to r b e tw e e n 2 0 -1 0 0 K
R S T#
I
X
X
X
R e s e t: To re s e t the o p e ra ti o n o f the d e vi c e a nd re turn to s ta nd b y m o d e .
IN IT#
I
X
X
Ini ti a lize : This is a s e c o nd re s e t p in fo r in-s ys te m us e . IN IT # o r R S T# p in
p ulls lo w w i ll ini tia te a d e vic e re s e t.
G P I[4 :0 ]
I
X
X
F W H /L P C G e ne ra l P urp o s e Inp uts : U s e d to s e t the G P I_ R E G fo r
s ys te m d e s i g n p urp o s e o nly. T he va lue o f G P I_ R E G c a n b e re a d
thro ug h F W H inte rfa c e . The s e p ins s ho uld b e s e t a t d e s ire d s ta te
b e fo re the s ta rt o f the P C I c lo c k c yc le fo r re a d o p e ra tio n a nd s ho uld
re m a in no c ha ng e until the e nd o f the re a d c yc le . U nus e d G P I p ins m us t
no t b e flo a te d .
TB L #
I
X
X
To p B lo c k L o c k : W he n p ulls lo w, it e na b le s the ha rd w a re w ri te p ro te c tio n
fo r to p bo o t b lo c k . W he n p ulls hig h, it d is a b le s the ha rd w a re w rite
p ro te c tio n.
W P #
I
X
X
W ri te P ro te c t: W he n p ulls lo w, it e na b le s the ha rd w a re w ri te p ro te c tio n
to the m e m o ry a rra y e xc e p t the to p b o o t b lo c k . W he n p ulls hi g h, it
d is a b le s ha rd w a re w rite p ro te c ti o n.
F W H [3 :0 ]
I/O
X
F W H A d d re s s a nd D a ta : The m a jo r I/O p ins fo r tra ns m itting d a ta ,
a d d re s s e s a nd c o m m a nd c o d e in F W H m o d e .
F W H 4
I
X
F W H Inp ut: To i nd ic a te the s ta rt o f a F W H m e m o ry c yc le op e ra tio n.
A ls o us e d to a b o rt a F H W m e m o ry c yc le in p ro g re s s .
L A D [3 :0 ]
I/O
X
L P C A dd re s s a nd D a ta : The m a jo r I/O p ins fo r tra ns m itting d a ta ,
a d d re s s e s a nd c o m m a nd c o d e in L P C m o d e .
L F R A M E #
I
X
L P C F ra m e : To ind ic a te the s ta rt o f a L P C m e m o ry c yc le o p e ra ti o n.
A ls o us e d to a b o rt a L P C m e m o ry c yc le in p ro g re s s .
C L K
I
X
X
F W H /L P C C lo c k : To p ro vid e a s ync hro no us c lo c k fo r F W H a nd L P C
m od e o pe ra ti o ns .
ID [3 :0 ]
I
X
Id e ntifi c a tio n Inp uts : The s e fo ur p ins a re p a rt o f the m e c ha ni s m tha t
a llo w s m ultip le F W H d e vic e s to b e a tta c he d to the s a m e b us . The
s tra p p ing o f the s e p ins is us e d to id e ntify the c o m p o ne nt. The b o o t
d e vic e m us t ha ve ID [3 :0 ] = 0 0 0 0 b a nd it is re c o m m e nd e d tha t a ll
s ub s e q ue nt d e vi c e s s ho uld us e s e q ue nti a l up -c o unt s tra p p ing . The s e
p ins a re inte rna lly p ulle d -d o w n w ith a re s is to r b e tw e e n 20 -10 0 K
V
C C
X
X
X
D e vic e P o w e r S up p ly
G N D
X
X
X
G ro und
N C
X
X
X
N o C o nne c ti o n
R E S
X
X
R e s e rve d : R e s e rve d func tio n p i ns fo r future us e .
Note: I = Input, O = Output


Similar Part No. - IS49FL004T-33VCE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLC18160 ISSI-IS49NLC18160 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC18320 ISSI-IS49NLC18320 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC18320A ISSI-IS49NLC18320A Datasheet
980Kb / 36P
   Reduced cycle time
IS49NLC36160 ISSI-IS49NLC36160 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC36160A ISSI-IS49NLC36160A Datasheet
980Kb / 36P
   Reduced cycle time
More results

Similar Description - IS49FL004T-33VCE

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com